Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 31Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 32Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 33Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 34Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 35Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 36Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 37Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 38Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-29-
Register Overview
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
REGISTERS
Register Overview
The following tables summarize the configuration and I/O
registers of the VT8231.
These tables also document the
power-on default value (“Default”) and access type (“Acc”)
for each register.
Access type definitions used are RW
(Read/Write), RO (Read/Only), “—” for reserved / used
(essentially the same as RO), and RWC (or just WC) (Read /
Write 1’s to Clear individual bits). Registers indicated as RW
may have some read/only bits that always read back a fixed
value (usually 0 if unused); registers designated as RWC or
WC may have some read-only or read write bits (see
individual register descriptions for details).
Detailed register descriptions are provided in the following
section of this document. All offset and default values are
shown in hexadecimal unless otherwise indicated
Table 2. System I/O Map
Port
Function
Actual Port Decoding
00-1F
Master DMA Controller
0000 0000 000x nnnn
20-3F
Master Interrupt Controller 0000 0000 001x xxxn
40-5F
Timer / Counter
0000 0000 010x xxnn
60-6F
Keyboard Controller
0000 0000 0110 xnxn
(60h)
KBC Data
0000 0000 0110 x0x0
(61h)
Misc Functions & Spkr Ctrl 0000 0000 0110 xxx1
(64h)
KBC Command / Status
0000 0000 0110 x1x0
70-77
RTC/CMOS/NMI-Disable 0000 0000 0111 0nnn
78-7F
-available for system use-
0000 0000 0111 1xxx
80
-reserved- (debug port)
0000 0000 1000 0000
81-8F
DMA Page Registers
0000 0000 1000 nnnn
90-91
-available for system use-
0000 0000 1001 000x
92
System Control
0000 0000 1001 0010
93-9F
-available for system use-
0000 0000 1001 nnnn
A0-BF
Slave Interrupt Controller
0000 0000 101x xxxn
C0-DF
Slave DMA Controller
0000 0000 110n nnnx
E0-FF
-available for system use-
0000 0000 111x xxxx
100-CF7
-available for system use*
CF8-CFB
PCI Configuration Address 0000 1100 1111 10xx
CFC-CFF
PCI Configuration Data
0000 1100 1111 11xx
D00-FFFF -available for system use-
* On-Chip Super-I/O Functions – PC-Standard Port Addresses
200-20F
Game Port
2E8-2EF
COM4
2F8-2FF
COM2
378-37F
Parallel Port (Standard & EPP)
3E8-3EF
COM3
3F0-3F1
Configuration Index / Data
3F0-3F7
Floppy Controller
3F8-3FF
COM1
400-402
Parallel Port (ECP Extensions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com