Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 57 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 57 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 53Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 54Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 55Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 56Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 57Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 58Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 59Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 60Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 61Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-51-
Register Descriptions - Super-I/O I/O Ports
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Parallel Port Registers
These registers are located at I/O ports which are offsets from
“LPTBase” (index C6h of the Super-I/O configuration
registers). LPTBase is typically set to allow these ports to be
accessed at the standard parallel port address range of 378-
37Fh.
Port LPTBase+0 – Parallel Port Data .............................RW
7-0
Parallel Port Data
Port LPTBase+1 – Parallel Port Status............................RO
7
BUSY#
0
Printer busy, offline, or error
1
Printer not busy
6
ACK#
0
Data transfer to printer complete
1
Data transfer to printer in progress
5PE
0
Paper available
1
No paper available
4SLCT
0
Printer offline
1
Printer online
3
ERROR#
0
Printer error
1Printer OK
2-0
Reserved
................................... always read 1 bits
Port LPTBase+2 – Parallel Port Control ........................RW
7-5
Undefined
................................. always read back 1
4
Hardware Interrupt
0
Disable ...................................................default
1Enable
3
Printer Select
0
Deselect printer ......................................default
1
Select printer
2
Printer Initialize
0
Initialize Printer......................................default
1
Allow printer to operate normally
1
Automatic Line Feed
0
Host handles line feeds...........................default
1
Printer does automatic line feeds
0Strobe
0
No data transfer ......................................default
1
Transfer data to printer
Port LPTBase+3 – Parallel Port EPP Address............... RW
Port LPTBase+4 – Parallel Port EPP Data Port 0......... RW
Port LPTBase+5 – Parallel Port EPP Data Port 1......... RW
Port LPTBase+6 – Parallel Port EPP Data Port 2......... RW
Port LPTBase+7 – Parallel Port EPP Data Port 3......... RW
Port LPTBase+400h – Parallel Port ECP Data / Cfg A RW
Port LPTBase+401h – Parallel Port ECP Config B....... RW
Port LPTBase+401h – Parallel Port ECP Extd Ctrl...... RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com