Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 10Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 11Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 12Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 13Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 14Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 15Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 16Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 17Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-8-
Pinouts
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Pin Lists
Figure 3. VT8231 Pin List (Numerical Order)
Pin
Pin Name
Pin
Pin Name
Pin
Pin Name
Pin
Pin Name
Pin
Pin Name
A01
IO AD30
D12
IO SLCTIN#/STEP#
H03
O
ACSDOUT
P02
O
SUSB# / GPIO2
U13
IO SA18
A02
IO AD31
D13
I
PE / WDATA#
H04
I
JBB2 / GAMED7
P03
I
AOLGPI/THRM/I17 U14
I
IRQ15
A03
IO AD26
D14
I
DSR#
H05
I
JAY / GAMED1
P04
O
SUSCLK / GPO4
U15
IO SA07 / SDD07
A04
IO AD24
D15
P
GNDUSB
H06
P
VCC
P05
P
VCCSUS
U16
IO SA06 / SDD06
A05
IO AD21
D16
I
USBOC1#
H15
P
GND
P06
P
VCCSUS
U17
I
SDDRQ
A06
IO AD16
D17
O
MDCK
H16
I
TRK00#
P07
P
GND
U18
O
SDCS1#
A07
IODEVSEL#
D18
IOMDIO
H17
I
WRTPRT#
P08
P
VCC
U19
O
SDCS3#
A08
IO CBE1#
D19
I
MRXD3
H18
I
DSKCHG#
P09
P
VCC
U20
IO PDD02
A09
IO AD09
D20
I
MRXD2
H19 OD HDSEL#
P10
P
GND
V01
IO PCKRUN#
A10
IO AD05
E01
O
RTCX2
H20
I
RDATA#
P11
P
VCC
V02
IO GPIOA / GPIO24
A11
IO STROBE#
E02
I
RTCX1
J01
O
PCS1# / SDI2 / IO
P12
P
VCC
V03
I
GPI1 / IRQ8#
A12
IO PD2 / WRTPRT# E03
I
PWRGD
J02
IO GPIOC/IO25/ATST P13
P
VCC
V04
I
WSC#/ARQ#/I24
A13
IO PD6
E04
O
PCIRST#
J03
I
ACBITCLK
P14
P
GND
V05 OD INIT
A14
I
BUSY / MTR1#
E05
IO AD22
J04
O
MSO / SPDIF
P15
P
VCC
V06 OD STPCLK#
A15
O
RTS#
E06
IO AD17
J05
I
JBY / GAMED3
P16
IO PDD04
V07
IO LAD3
A16
O
DTR#
E07
I
SERR#
J06
P
VCC
P17
IO PDD11
V08
IO LAD0
A17
I
USBOC0#
E08
IO AD13
J15
P
VCC
P18
IO PDD08
V09
I
SERIRQ#
A18
IO USBP2-
E09
IO AD08
J16
OD MTR1#
P19
I
PDDRQ
V10
O
LGT2#/SD15/O11
A19
IO USBP1-
E10
IO AD03
J17
OD DS0#
P20
O
PDIOW#
V11
I
HRQ2#/SD10/I11
A20
IO USBP0-
E11
IO AUTOFD#/DRV0
J18
OD STEP#
R01
IO SMBCK2 / GPIO27
V12
IO SD01
B01
I
PINTB#
E12
IO PD3 / RDATA#
J19
OD WDATA#
R02
IO SMBDT2 / GPIO26
V13
IO SA19
B02
I
PINTA#
E13
I
SLCT/WGATE#
J20
OD WGATE#
R03
IO SMBCK1
V14
IO SA05 / SDD05
B03
IO AD28
E14
I
RXD
K01
P
VREF
R04
O
SLOWCLK / O0
V15
IO SA11 / SDD11
B04
IO AD25
E15
P
VCCUSB
K02
I
FAN1
R05
I
CPUMISS / GPI16
V16
IO SA02 / SDD02
B05
IO AD23
E16
O
EECK
K03
I
FAN2/SLPB#/IO18 R06
OD INTR
V17
IO SA14 / SDD14
B06
IO AD18
E17
I
MRXCLK / AIRQ
K04
I
JAB2 / GAMED5
R07
P
VCC
V18
O
SDA1
B07
IO TRDY#
E18
I
MRXD1
K05
I
JBX / GAMED2
R08
O
IRTX / GPO14
V19
O
SDA0
B08
IO AD15
E19
I
MRXD0 / AIRQ
K06
P
GND
R09
P
VCC
V20
O
SDA2
B09
IO AD10
E20
I
MRXDV / AIRQ
K15
P
VCC
R10
P
VCC
W01
O
PCISTP# / GPO6
B10
IO AD04
F01
I
JBB1 / GAMED6
K16
P
VCCMII
R11
IO SD06
W02
O
CPUSTP# / GPO5
B11
IO AD01
F02
P
VBAT
K17
OD DRVDEN1
R12
IO SD00
W03
IO GPIOE / GPIO31
B12
IO PINIT# / DIR#
F03
I
INTRUDER#/GPI8
K18
OD MTR0#
R13
P
VCC
W04
O
APD0/ACS#/IO28
B13
IO PD5
F04
I
GPI0
K19
OD DS1#
R14
P
VCC
W05 OD A20M#
B14
I
ACK# / DS1#
F05
I
RSMRST#
K20
OD DIR#
R15
P
VCC
W06
O
MCCS#/O17/strap
B15
O
TXD
F06
IO FRAME#
L01
AI UIC5
R16
IO PDD01
W07
IO LAD2
B16
I
CTS#
F07
P
VCC
L02
AI DTD+
R17
IO PDD14
W08
O
LFRAME#
B17
IO USBP3-
F08
IO AD11
L03
AI DTD-
R18
IO PDD07
W09
IO MEMR#
B18
IO USBP2+
F09
P
VCC
L04
AI UIC4
R19
IO PDD09
W10
I
LRQ2#/SD14/I13
B19
IO USBP1+
F10
IO CBE0#
L05
P
GNDHWM
R20
IO PDD06
W11
O
HGT1#/SD09/O8
B20
IO USBP0+
F11
I
ERROR#/HDSEL#
L06
P
VCC
T01
IO SMBDT1
W12
IO SD02
C01
O
PREQH#
F12
P
VCC
L15
P
GND
T02
I
SMBALRT# / GPI7
W13
IO LA20/OC2#/O20
C02
I
PINTD#
F13
P
VCC
L16
P
VCCPLL
T03
I
BATLOW# / GPI5
W14
IO SA09 / SDD09
C03
I
PINTC#
F14
I
DCD#
L17
OD DRVDEN0
T04 IOD EXTSMI# / GPI2
W15
IO SA04 / SDD04
C04
IO AD27
F15
P
VCC
L18
O
PDCS1#
T05
OD NMI
W16
IO SA12 / SDD12
C05
IO CBE3#
F16
I
MTXCLK / AIRQ
L19
O
PDCS3#
T06
OD IGNNE#
W17
IO SA01 / SDD01
C06
IO AD19
F16
P
VCCMII
L20
I
INDEX#
T07
IO IOW# / GPO23
W18
IO SA15 / SDD15
C07
IO IRDY#
F18
I
MRXERR / AIRQ
M01
AI UIC1
T08
I
IRRX2 / GPI
W19
O
SDIOR#
C08
IO PAR
F19
O
MTXENA / AIRQ
M02
AI UIC3
T09
O
ROMCS#/KBCS#
W20
O
SDDACK#
C09
IO AD12
F20
O
MTXD0 / AIRQ
M03
AI UIC2
T10
O
HGNT2#/SD11/O9
Y01
IO IOD/30/SCO#/DT
C10
IO AD06
G01
O
ACSYNC
M04
IO KBCK / A20G
T11
IO SD07
Y02
I
LID / GPI4
C11
IO AD00
G02
O
ACRST
M05
P
VCCHWM
T12
I
OSC
Y03
I
APICCLK / GPI9
C12
IO PD1 / TRK00#
G03
I
JAB1 / GAMED4
M06
P
VCC
T13
IO SA17 / strap
Y04
O
APD1/AK#/IO29
C13
IO PD4 / DSKCHG# G04
I
MSI / I2S
M15
P
VCC
T14
I
IRQ14
Y05 OD SMI#
C14
IO PD7
G05
I
JAX / GAMED0
M16
P
GNDPLL
T15
IO SA08 / SDD08
Y06
O
PCS0#/O16/strap
C15
I
USBCLK
G06
P
VCC
M17
I
PCICLK
T16
IO PDD00
Y07
IO LAD1
C16
I
RI#
G07
P
GND
M18
O
PDA1
T17
IO PDD15
Y08
I
LDRQ#/SIN3/I15
C17
IO USBP3+
G08
P
VCC
M19
O
PDA0
T18
IO PDD13
Y09
IO MEMW#
C18
O
EECS#
G09
P
VCC
M20
O
PDA2
T19
IO PDD03
Y10
O
LG1#/ SD13/O10
C19
I
EEDI
G10
P
VCC
N01
IO KBDT / KBRC
T20
IO PDD12
Y11
I
HRQ1#/SD08/I10
C20
O
EEDO
G11
P
GND
N02
IO MSCK / IRQ1
U01
I
PME# / GPI6
Y12
IO SD03
D01
I
PGNTL#
G12
P
VCC
N03
O
SUSC# / GPO
U02
I
PWRBTN#
Y13
IO LA21/OC3#/O21
D02
O
PREQL#
G13
P
GNDRAM
N04
IO MSDT / IRQ12
U03
I
RING# / GPI3
Y14
IO SA16 / strap
D03
I
PGNTH#
G14
P
GND
N05
O
SUSST1# / GPO3
U04 OD CPURST
Y15
IO SA10 / SDD10
D04
IO AD29
G15
P
VCCRAM
N06
P
VCC
U05
I
FERR#
Y16
IO SA03 / SDD03
D05
IO AD20
G16
I
MCRS / AIRQ
N15
P
GND
U06 OD SLP# / GPO7
Y17
IO SA13 / SDD13
D06
IO CBE2#
G17
I
MCOL / AIRQ
N16
IO PDD10
U07
IO IOR# / GPO22
Y18
IO SA00 / SDD00
D07
IO STOP#
G18
O
MTXD1 / AIRQ
N17
IO PDD05
U08
I
IRRX / GPO15
Y19
O
SDIOW#
D08
IO AD14
G19
O
MTXD2 / AIRQ
N18
O
PDIOR#
U09
O
SPKR
Y20
I
SDRDY
D09
IO AD07
G20
O
MTXD3 / AIRQ
N19
I
PDRDY
U10
I
LREQ1#/SD12/I12
D10
IO AD02
H01
I
ACSDIN0
N20
O
PDDACK#
U11
IO SD05
D11
IO PD0 / INDEX#
H02
I
ACSDIN1
P01
O
SUSA#/GPO1/strap U12
IO SD04
Center GND pins (24 pins): J8-J13, K8-K13, L8-L13, M8-M13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com