Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 29Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 30Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 31Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 32Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 33Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 34Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 35Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 36Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-27-
Pinouts
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Resets, Clocks, and Clock Control
Signal Name
Pin #
I/O
Signal Description
PWRGD
E3
I
Power Good. Connected to the PWRGOOD signal on the Power Supply.
PWRBTN#
U2
I
Power Button. Used by the Power Management subsystem to monitor an
external system on/off button or switch.
The VT8231 performs a 200us
debounce of this input if Function 4 Rx40[5] is set to 1. (3.3V only)
SLPBTN# /
FAN2 /
GPIO18
K3
I / I
/ IO
Sleep Button.
Used by the power management subsystem to monitor an
external system sleep button or switch (Function 4 Rx40[6] = 1). Connect to
VCC if not used.
PCIRST#
E4
O
PCI Reset. Active low reset signal for the PCI bus. The VT8231 will assert
this pin during power-up or from the control register.
RTCX1
E2
I
RTC Crystal Input: 32.768 KHz crystal or oscillator input. This input is
used for the internal RTC and for power-well power management logic.
RTCX2
E1
O
RTC Crystal Output: 32.768 KHz crystal output
OSC
T12
I
Oscillator. 14.31818 MHz clock signal used by the internal Timer.
SLOWCLK /
GPO0
R4
O
Slow Clock. Frequency selectable if PMU function 4 Rx54[1-0] is nonzero
(set to 01, 10, or 11).
CPUSTP# /
GPO5
W2
O /
O
CPU Clock Stop (Rx75[4] = 0).
Signals the system clock generator to
disable the CPU clock outputs. Not connected if not used. See also PMU I/O
Rx2C[3].
PCISTP# /
GPO6
W1
O /
O
PCI Clock Stop (Rx75[5] = 0). Signals the system clock generator to disable
the PCI clock outputs. Not connected if not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com