Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 39Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 40Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 41Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 42Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 43Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 44Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 45Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 46Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-37-
Register Overview
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
I/O Space Hardware Monitor Registers
Offset Hardware Monitor
Default
Acc
00-3F Value RAM
00-12
-reserved-
00
—
13
Analog Data 15-8
00
RW
14
Analog Data 7-0
00
RW
15
Digital Data 7-0
00
RW
16
Channel Counter
00
RW
17
Data Valid & Channel Indicators
00
RW
18-1C
-reserved-
00
—
1D
TSENS3 Hot Hi Limit
00
RW
1E
TSENS3 Hot Hysteresis Lo Lim
00
RW
1F
TSENS3 (Int) Temp Reading
00
RW
20
TSENS1 (W13) Temp Reading
00
RW
21
TSENS2 (Y13) Temp Reading
00
RW
22
VSENS1 (U13) Voltage Reading
00
RW
23
VSENS2 (V13) Voltage Reading
00
RW
24
Internal Core VCC Voltage Reading
00
RW
25
VSENS3 (W14) Voltage Reading
00
RW
26
VSENS4 (Y14) Voltage Reading
00
RW
27
-reserved- (-12V Voltage Reading)
00
—
28
-reserved- (-5V Voltage Reading)
00
—
29
FAN1 (T12) Count Reading
00
RW
2A
FAN2 (U12) Count Reading
00
RW
2B
VSENS1 (CPU) Voltage High Limit
00
RW
2C
VSENS1 (CPU) Voltage Low Limit
00
RW
2D
VSENS2 (NB) Voltage High Limit
00
RW
2E
VSENS2 (NB) Voltage Low Limit
00
RW
2F
Internal Core VCC High Limit
00
RW
30
Internal Core VCC Low Limit
00
RW
31
VSENS3 (5V) Voltage High Limit
00
RW
32
VSENS3 (5V) Voltage Low Limit
00
RW
33
VSENS4 (12V) Voltage High Limit
00
RW
34
VSENS4 (12V) Voltage Low Limit
00
RW
35
-reserved- (-12V Sense High Limit)
00
—
36
-reserved- (-12V Sense Low Limit)
00
—
37
-reserved- (-5V Sense High Limit)
00
—
38
-reserved- (-5V Sense Low Limit)
00
—
39
TSENS1 Hot High Limit
00
RW
3A
TSENS1 Hot Hysteresis Lo Lim
00
RW
3B
FAN1 Fan Count Limit
00
RW
3C
FAN2 Fan Count Limit
00
RW
3D
TSENS2 Hot High Limit
00
RW
3E
TSENS2 Hot Hysteresis Lo Lim
00
RW
3F
Stepping ID Number
00
RW
Offset Hardware Monitor (continued)
Default
Acc
40
Hardware Monitor Configuration
08
RW
41
Hardware Monitor Interrupt Status 1
00
RO
42
Hardware Monitor Interrupt Status 2
00
RO
43
Hardware Monitor Interrupt Mask 1
00
RW
44
Hardware Monitor Interrupt Mask 2
00
RW
45-46 -reserved-
00
—
47
Hardware Monitor Fan Configuration
50
RW
48
-reserved-
00
—
49
HW Mon Temp Value Lo-Order Bits
00
RW
4A
-reserved-
00
—
4B
Temperature Interrupt Configuration
15
RW
4C-FF -reserved-
00
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com