Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 30Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 31Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 32Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 33Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 34Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 35Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 36Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 37Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-28-
Pinouts
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Power and Ground
Signal Name
Pin #
I/O
Signal Description
VCC (27 Pins)
F7, F9, F12-F13, F15,
G6, G8-G10, G12,
H6, J6, J15, K15,
L6, M6, M15, N6,
P8-P9, P11-P13, P15,
R7, R9-R10, R13-R15
P
Core Power. 3.3V nominal (3.15V to 3.45V). This supply is turned on only
when the mechanical switch on the power supply is turned on and the
PWRON signal is conditioned high. These pins should be connected to the
same voltage as the CPU I/O circuitry.
Internally connected to hardware
monitoring system voltage detection circuitry for 3.3V monitoring.
GND (27 Pins)
G7, G11, G14, H15,
J8-J13, K6, K8-K13,
L8-L13, L15, M8-M13,
N15, P7, P10, P14
P
Ground. Connect to primary motherboard ground plane.
VCCSUS
P5, P6
P
Suspend Power. Always available unless the mechanical switch of the power
supply is turned off. If the “soft-off” state is not implemented, then this pin
can be connected to VCC. Signals powered by or referenced to this plane are:
SMBCK1/DT1, KBCK/DT, MSCK/DT, PWRBTN#, SUSC#, GPO0 /
SLOWCLK, GPO1 / SUSA#, GPO2 / SUSB#, GPO3 / SUSST1#, GPO4 /
SUSCLK, GPI1 / IRQ8#, GPI2 / EXTSMI#, GPI3 / RING#, GPI4 / LID,
GPI5 / BATLOW#, GPI6 / PME#, GPI7 / SMBALRT#, GPI16 / CPUMISS,
GPI17 / AOLGPI / THRM, GPIO26 / SMBDT2, GPIO27 / SMBCK2
VBAT
F2
P
RTC Battery.
Battery input for internal RTC. Signals powered by or
referenced to this plane are: RTCX1, RTCX2, PWRGD, RSMRST#, GPI0,
and INTRUDER#.
VREF
K1
P
Voltage Reference (5V
±5%). For thermal sensing and 5V input tolerance.
VCCHWM
M5
P
Hardware Monitor Power.
Power for hardware monitoring subsystem
(voltage monitoring, temperature monitoring, and fan speed monitoring).
Connect to VCC through a ferrite bead. Signals powered by or referenced to
this plane are: UIC[5:1], DTD+/-, FAN1, FAN2 / SLPBTN# / GPIO18
GNDHWM
L5
P
Hardware Monitor Ground. Connect to GND through a ferrite bead.
VCCMII
F16, K16
P
LAN MII Power. Power for LAN Media Independent Interface (interface to
external PHY). Connect to VCC through a ferrite bead. Signals powered by
or referenced to this plane are: MCRS, MCOL, MDCK, MDIO, MTXD[3:0],
MTXENA, MTXCLK, MRXERR, MRXCLK, MRXDV, and MRXD[3:0]
VCCRAM
G15
P
LAN RAM Power. Power for LAN internal RAM. Connect to VCC through
a ferrite bead.
GNDRAM
G13
P
LAN RAM Ground. Connect to GND through a ferrite bead.
VCCPLL
L16
P
PLL Power. Power for internal PLL. Connect to VCC through a ferrite
bead.
GNDPLL
M16
P
PLL Ground. Connect to GND through a ferrite bead.
VCCUSB
E15
P
USB Differential Output Power.
Power for USB differential outputs
(USBP0+, P0-, P1+, P1-, P2+, P2-, P3+, P3-). Connect to VCC through a
ferrite bead.
GNDUSB
D15
P
USB Differential Output Ground. Connect to GND through a ferrite bead.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com