Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 60Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 61Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 62Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 63Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 64Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 65Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 66Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 67Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-58-
Function 0 Registers - PCI to ISA Bridge
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Offset 42 - ISA Clock Control. .........................................RW
7
Latch IO16#
0
Enable (recommended setting) ...............default
1
Disable
6
MCS16# Output
0
Disable ...................................................default
1Enable
5
Master Request Test Mode (do not program)
0
Disable ...................................................default
1Enable
4
Reserved (Do Not Program) ................... default = 0
3
ISA Clock (BCLK) Select Enable
0
BCLK = PCICLK/4................................default
1
BCLK selected per bits 2-0
2-0
ISA Bus Clock Select (if bit-3 = 1)
000 BCLK = PCICLK/3................................default
001 BCLK = PCICLK/2
010 BCLK = PCICLK/4
011 BCLK = PCICLK/6
100 BCLK = PCICLK/5
101 BCLK = PCICLK/10
110 BCLK = PCICLK/12
111 BCLK = OSC
Note: Procedure for ISA Clock switching:
1) Set bit 3 to 0; 2) Change value of bit 2-0; 3) Set bit 3 to 1
Offset 43 - ROM Decode Control .................................... RW
Setting these bits enables the indicated address range to be
included in the ROMCS# decode:
7
FFFE0000h-FFFEFFFFh .......................... default=0
6
FFF80000h-FFFDFFFFh .......................... default=0
5
FFF00000h-FFF7FFFFh............................ default=0
4
000E0000h-000EFFFFh ............................. default=0
3
000D8000h-000DFFFFh ............................ default=0
2
000D0000h-000D7FFFh ............................ default=0
1
000C8000h-000CFFFFh ............................ default=0
0
000C0000h-000C7FFFh ............................. default=0
Offset 44 - Keyboard Controller Control ....................... RW
7
KBC Timeout Test (do not program)........ default = 0
6-4
Reserved (do not program) ........................ default = 0
3
Mouse Lock Enable
0
Disable................................................... default
1Enable
2-1
Reserved (do not program) ........................ default = 0
0
Reserved (no function) .............................. default = 0
Offset 45 - Type F DMA Control .................................... RW
7
ISA Master / DMA to PCI Line Buffer
0
Disable................................................... default
1Enable
6
DMA type F Timing on Channel 7............ default=0
5
DMA type F Timing on Channel 6............ default=0
4
DMA type F Timing on Channel 5............ default=0
3
DMA type F Timing on Channel 3............ default=0
2
DMA type F Timing on Channel 2............ default=0
1
DMA type F Timing on Channel 1............ default=0
0
DMA type F Timing on Channel 0............ default=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com