Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 91 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 91 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 87Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 88Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 89Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 90Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 91Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 92Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 93Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 94Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 95Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-85-
Function 4 Regs - Power Management, SMBus and HWM
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Offset 42 - ACPI Interrupt Select ....................................RW
7
ATX / AT Power Indicator.................................. RO
0ATX
1AT
6
SUSC# State.......................................................... RO
5
Reserved
........................................ always reads 0
4
SUSC# AC-Power-On Default Value ................. RO
This bit is written at RTC Index 0A bit-7.
3-0
SCI Interrupt Assignment
0000 Disabled .................................................default
0001 IRQ1
0010 Reserved
0011 IRQ3
0100 IRQ4
0101 IRQ5
0110 IRQ6
0111 IRQ7
1000 IRQ8
1001 IRQ9
1010 IRQ10
1011 IRQ11
1100 IRQ12
1101 IRQ13
1110 IRQ14
1111 IRQ15
Offset 43 – Internal Timer Read Test...............................RO
7-0
Internal Timer Read Test
Offset 45-44 - Primary Interrupt Channel (0000h) ....... RW
15
1/0 = Ena/Disa IRQ15 as Primary Intrpt Channel
14
1/0 = Ena/Disa IRQ14 as Primary Intrpt Channel
13
1/0 = Ena/Disa IRQ13 as Primary Intrpt Channel
12
1/0 = Ena/Disa IRQ12 as Primary Intrpt Channel
11
1/0 = Ena/Disa IRQ11 as Primary Intrpt Channel
10
1/0 = Ena/Disa IRQ10 as Primary Intrpt Channel
9
1/0 = Ena/Disa IRQ9 as Primary Intrpt Channel
8
1/0 = Ena/Disa IRQ8 as Primary Intrpt Channel
7
1/0 = Ena/Disa IRQ7 as Primary Intrpt Channel
6
1/0 = Ena/Disa IRQ6 as Primary Intrpt Channel
5
1/0 = Ena/Disa IRQ5 as Primary Intrpt Channel
4
1/0 = Ena/Disa IRQ4 as Primary Intrpt Channel
3
1/0 = Ena/Disa IRQ3 as Primary Intrpt Channel
2
Reserved
........................................ always reads 0
1
1/0 = Ena/Disa IRQ1 as Primary Intrpt Channel
0
1/0 = Ena/Disa IRQ0 as Primary Intrpt Channel
Offset 47-46 - Secondary Interrupt Channel (0000h).... RW
15
1/0 = Ena/Disa IRQ15 as Secondary Intr Channel
14
1/0 = Ena/Disa IRQ14 as Secondary Intr Channel
13
1/0 = Ena/Disa IRQ13 as Secondary Intr Channel
12
1/0 = Ena/Disa IRQ12 as Secondary Intr Channel
11
1/0 = Ena/Disa IRQ11 as Secondary Intr Channel
10
1/0 = Ena/Disa IRQ10 as Secondary Intr Channel
9
1/0 = Ena/Disa IRQ9 as Secondary Intr Channel
8
1/0 = Ena/Disa IRQ8 as Secondary Intr Channel
7
1/0 = Ena/Disa IRQ7 as Secondary Intr Channel
6
1/0 = Ena/Disa IRQ6 as Secondary Intr Channel
5
1/0 = Ena/Disa IRQ5 as Secondary Intr Channel
4
1/0 = Ena/Disa IRQ4 as Secondary Intr Channel
3
1/0 = Ena/Disa IRQ3 as Secondary Intr Channel
2
Reserved
........................................ always reads 0
1
1/0 = Ena/Disa IRQ1 as Secondary Intr Channel
0
1/0 = Ena/Disa IRQ0 as Secondary Intr Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com