Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 68 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 68 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 64Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 65Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 66Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 67Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 68Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 69Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 70Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 71Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 72Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-62-
Function 0 Registers - PCI to ISA Bridge
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Offset 59 – PCS0# Control ...............................................RW
7-4
Reserved
........................................ always reads 0
3
PCS0# Pin Function (Pin T5)
0
Pin is defined as PCS0# ........................default
1
Pin is defined as Internal Trap I/O
2-0
Reserved
........................................ always reads 0
Offset 5A – KBC / RTC Control ......................................RW
Bits 7-4 of this register are latched from pins SD7-4 at power-
up but are read/write accessible so may be changed after
power-up to change the default strap setting:
7
Keyboard RP16 ............................. latched from SD7
6
Keyboard RP15 ............................ latched from SD6
5
Keyboard RP14 ............................ latched from SD5
4
Keyboard RP13 ............................ latched from SD4
3
Audio Function Enable
....... RO, strapped from SPKR pin V5
0
Disable (SDD pins function as SDD)
1
Enable (SDD pins function as Audio / Game)
2
Internal RTC Enable
0
Disable
1
Enable ....................................................default
1
Internal PS2 Mouse Enable
0
Disable ..................................................default
1Enable
0
Internal KBC Enable
0
Disable ..................................................default
1Enable
Note:
External strap option values may be set by connecting
the indicated external pin to a 4.7K ohm pullup (for
1) or driving it low during reset with a 7407 TTL
open collector buffer (for 0) as shown in the
suggested circuit below:
9&&
.
6'Q
5(6(7

9&&
Figure 5. Strap Option Circuit
Offset 5B - Internal RTC Test Mode .............................. RW
7-4
Reserved
........................................ always reads 0
3
Map RTC Rx32 to Rx3F
0
Disable................................................... default
1Enable
2
RTC Reset Enable (do not program)
0
Disable................................................... default
1Enable
1
RTC SRAM Access Enable
0
Disable................................................... default
1Enable
This bit is set if the internal RTC is disabled but it is
desired to still be able to access the internal RTC
SRAM via ports 74-75.
If the internal RTC is
enabled, setting this bit does nothing (the internal
RTC SRAM should be accessed at either ports 70/71
or 72/73.
0
RTC Test Mode Enable (do not program) . default=0
Offset 5C - DMA Control................................................. RW
7
PCS0# & PCS1# 16-Bit I/O
0
Disable................................................... default
1Enable
6
Passive Release
0
Disable................................................... default
1Enable
5
Internal Passive Release
0
Disable................................................... default
1Enable
4
Dummy PREQ
0
Disable................................................... default
1Enable
3
Reserved
........................................ always reads 0
2
APIC Connection
0
APIC on SD Bus.................................... default
1
APIC on XD Bus
1
Reserved (Do Not Program) .................... default = 0
0
DMA Line Buffer Disable
0
DMA cycles can be to/from line buffer ....... def
1
Disable DMA Line Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com