Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 93 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 93 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 89Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 90Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 91Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 92Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 93Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 94Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 95Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 96Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 97Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-87-
Function 4 Regs - Power Management, SMBus and HWM
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Offset 53-50 - GP Timer Control (0000 0000h) ..............RW
31-30 Conserve Mode Timer Count Value
00 1/16 second ............................................default
01 1/8 second
10 1 second
11 1 minute
29
Conserve Mode Status
This bit reads 1 when in Conserve Mode
28
Conserve Mode Enable
0
Disable ...................................................default
1Enable
27-26 Secondary Event Timer Count Value
00 2 milliseconds.........................................default
01 64 milliseconds
10 ½ second
11 by EOI + 0.25 milliseconds
25
Secondary Event Occurred Status
This bit reads 1 to indicate that a secondary event has
occurred (to resume the system from suspend) and the
secondary event timer is counting down.
24
Secondary Event Timer Enable
0
Disable ...................................................default
1Enable
23-16 GP1 Timer Count Value (base defined by bits 5-4)
Write to load count value; Read to get current count
15-8 GP0 Timer Count Value (base defined by bits 1-0)
Write to load count value; Read to get current count
7
GP1 Timer Start
On setting this bit to 1, the GP1 timer loads the value
defined by bits 23-16 of this register and starts
counting down.
The GP1 timer is reloaded at the
occurrence of certain peripheral events enabled in the
GP
Timer
Reload
Enable
Register
(Power
Management I/O Space Offset 38h). If no such event
occurs and the GP1 timer counts down to zero, then
the GP1 Timer Timeout Status bit is set to one (bit-3
of the Global Status register at Power Management
Register I/O Space Offset 28h). Additionally, if the
GP1 Timer Timeout Enable bit is set (bit-3 of the
Global
Enable
register
at
Power
Management
Register I/O Space Offset 2Ah), then an SMI is
generated.
6
GP1 Timer Automatic Reload
0
GP1 Timer stops at 0 .............................default
1
Reload GP1 timer automatically after counting
down to 0
5-4
GP1 Timer Base
00 Disable ...................................................default
01 1/4 msec
10 1 second
11 1 minute
3
GP0 Timer Start
On setting this bit to 1, the GP0 timer loads the value
defined by bits 15-8 of this register and starts
counting down.
The GP0 timer is reloaded at the
occurrence of certain peripheral events enabled in the
GP
Timer
Reload
Enable
Register
(Power
Management I/O Space Offset 38h). If no such event
occurs and the GP0 timer counts down to zero, then
the GP0 Timer Timeout Status bit is set to one (bit-2
of the Global Status register at Power Management
Register I/O Space Offset 28h). Additionally, if the
GP0 Timer Timeout Enable bit is set (bit-2 of the
Global
Enable
register
at
Power
Management
Register I/O Space Offset 2Ah), then an SMI is
generated.
2
GP0 Timer Automatic Reload
0
GP0 Timer stops at 0 ............................ default
1
Reload GP0 timer automatically after counting
down to 0
1-0
GP0 Timer Base
00 Disable................................................... default
01 1/16 second
10 1 second
11 1 minute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com