Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 24Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 25Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 26Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 27Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 28Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 29Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 30Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 31Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-22-
Pinouts
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Internal Keyboard Controller
Signal Name
Pin #
I/O
Signal Description
MSCK / IRQ1
N2
IO / I
MultiFunction Pin (Internal mouse controller enabled by Rx5A[1])
Rx5A[1]=1 Mouse Clock. From internal mouse controller.
Rx5A[1]=0 Interrupt Request 1. Interrupt 1 (external KBC).
MSDT / IRQ12
N4
IO / I
MultiFunction Pin (Internal mouse controller enabled by Rx5A[1])
Rx5A[1]=1 Mouse Data. From internal mouse controller.
Rx5A[1]=0 Interrupt Request 12. Interrupt 12 (ext PS2 mouse ctlr).
KBCK / A20GATE
M4
IO / I
MultiFunction Pin (Internal keyboard controller enabled by Rx5A[0])
Rx5A[0]=1 Keyboard Clock. From internal keyboard controller
Rx5A[0]=0 Gate A20. Input from external keyboard controller.
KBDT / KBRC
N1
IO / I
MultiFunction Pin (Internal keyboard controller enabled by Rx5A[0])
Rx5A[0]=1 Keyboard Data. From internal keyboard controller.
Rx5A[0]=0 Keyboard Reset. From external keyboard controller (KBC)
for CPURST# generation
KBCS# / ROMCS# / strap
T9
O / O / I
Keyboard Chip Select (Rx5A[0]=0). To external keyboard controller chip.
Chip Selects
Signal Name
Pin #
I/O
Signal Description
ROMCS# / KBCS# / strap
T9
O / O / I
ROM Chip Select (Rx5A[0]=1). Chip Select to the BIOS ROM.
MCCS# / GPO17 / strap
W6
O / IO
Microcontroller Chip Select (Rx76[3] = 1, Rx76[4] = 0, Rx77[0] = 1).
Asserted during read or write accesses to I/O ports 62h or 66h.
PCS0# / GPO16 / strap
Y6
O / IO / IO
Programmable Chip Select 0. (Rx76[1] = 1 and Rx8B[0] = 1). Asserted
during I/O cycles to programmable read or write ISA I/O port ranges. See
also Rx59[3] and Rx77[2].
PCS1# / ACSDIN2 / GPIO19
J1
O / I / IO
Programmable Chip Select 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com