Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 12Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 13Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 14Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 15Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 16Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 17Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 18Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 19Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-10-
Pinouts
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Pin Descriptions
Table 1. Pin Descriptions
PCI Bus Interface
Signal Name
Pin #
I/O
Signal Description
AD[31:0]
(see pin
list)
IO
Address/Data Bus. The standard PCI address and data lines. The address is driven with
FRAME# assertion and data is driven or received in following cycles.
C/BE[3:0]#
C5, D6,
A8, F10
IO
Command/Byte Enable.
The command is driven with FRAME# assertion.
Byte
enables corresponding to supplied or requested data are driven on following clocks.
FRAME#
F6
IO
Frame. Assertion indicates the address phase of a PCI transfer. Negation indicates that
one more data transfer is desired by the cycle initiator.
IRDY#
C7
IO
Initiator Ready. Asserted when the initiator is ready for data transfer.
TRDY#
B7
IO
Target Ready. Asserted when the target is ready for data transfer.
STOP#
D7
IO
Stop. Asserted by the target to request the master to stop the current transaction.
DEVSEL#
A7
IO
Device Select. The VT8231 asserts this signal to claim PCI transactions through positive
or subtractive decoding.
As an input, DEVSEL# indicates the response to a VT8231-
initiated transaction and is also sampled when decoding whether to subtractively decode
the cycle.
PAR
C8
IO
Parity. A single parity bit is provided over AD[31:0] and C/BE[3:0]#.
SERR#
E7
I
System Error. SERR# can be pulsed active by any PCI device that detects a system
error condition.
Upon sampling SERR# active, the VT8231 can be programmed to
generate an NMI to the CPU.
PINTA-D#
B2, B1,
C3, C2
I
PCI Interrupt Request. These pins are typically connected to the PCI bus INTA#-
INTD# pins as follows:
PINTA#
PINTB#
PINTC#
PINTD#
PCI Slot 1
INTA#
INTB#
INTC#
INTD#
PCI Slot 2
INTB#
INTC#
INTD#
INTA#
PCI Slot 3
INTC#
INTD#
INTA#
INTB#
PCI Slot 4
INTD#
INTA#
INTB#
INTC#
PCI Slot 5
INTA#
INTB#
INTC#
INTD#
PREQH#
C1
O
PCI Request. This signal goes to the North Bridge to request the PCI bus.
PGNTH#
D3
I
PCI Grant.
This signal is driven by the North Bridge to grant PCI access to the
VT8231.
PREQL#
D2
O
PCI Request. This signal goes to the North Bridge to request the PCI bus.
PGNTL#
D1
I
PCI Grant.
This signal is driven by the North Bridge to grant PCI access to the
VT8231.
PCICLK
M17
I
PCI Clock. PCLK provides timing for all transactions on the PCI Bus.
PCKRUN#
V1
IO
PCI Bus Clock Run. This signal indicates whether the PCI clock is or will be stopped
(high) or running (low). The VT8231 drives this signal low when the PCI clock is
running (default on reset) and releases it when it stops the PCI clock. External devices
may assert this signal low to request that the PCI clock be restarted or prevent it from
stopping. Connect this pin to ground using a 100
Ω resistor if the function is not used.
Refer to the “PCI Mobile Design Guide” and the VIA “Apollo MVP4 Design Guide” for
more details.
PCIRST#
E4
O
PCI Reset.
PCISTP# / GPO6
W1
O
PCI Stop.
CPUSTP# / GPO5
W2
O
CPU Stop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com