Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 71 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 71 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 67Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 68Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 69Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 70Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 71Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 72Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 73Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 74Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 75Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-65-
Function 0 Registers - PCI to ISA Bridge
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Offset 76 – GPIO Control 3..............................................RW
7
Over-Current (OC) Input
0
Disable ...................................................default
1Enable
6
OC[3:0] From SD[3:0] By Scan
0
Disable ...................................................default
1Enable
5
GPO14 / GPO15 Enable (Pins E12 / D12)
0
Pins used for IRTX and IRRX ...............default
1
Pins used for GPO14 and GPO15
4
MCCS# Pin Select
0
MCCS# is on Pin U5 ..............................default
1
MCCS# is on Pin U8
3
MCCS# Function
0
Disable MCCS# function on U5/U8.......default
1
Enable MCCS# function on U5/U8
(see bit-4 for select of U5 or U8 for MCCS#)
2
CHAS Enable (Pin V14)
0
Pin is defined as GPIOC.........................default
1
Pin is defined as CHAS
1
GPO12 Enable (Pin T5)
0
Pin is defined as XDIR...........................default
1
Pin is defined as GPO12
0
GPOWE# (GPO[23-16]) Enable (Pin T14)
0
Pin is defined as GPIOA ........................default
1
Pin is defined as GPOWE# (Rx74[2] also must
be set to 1)
Offset 77 – GPIO Control 4 Control................................RW
7
DRQ / DACK# Pins are GPI / GPO
0
Disable ...................................................default
1Enable
6
Game Port XY Pins are GPI / GPO
0
Disable ...................................................default
1Enable
5-4
Reserved
........................................ always reads 0
3
SERIRQ SMI Slot
0
Disable ...................................................default
1Enable
2
RTC Rx32 Write Protect
0
Disable ...................................................default
1Enable
1
RTC Rx0D Write Protect
0
Disable ...................................................default
1Enable
0
GPO13 Enable (Pin U5)
0
Pin defined as SOE#...............................default
1
Pin defined as GPO13
Offset 79-78 – PCS0# I/O Port Address.......................... RW
15-0 PCS0# I/O Port Address [15-0]
Offset 7B-7A – PCS1# I/O Port Address ........................ RW
15-0 PCS1# I/O Port Address [15-0]
Offset 7D-7C – PCI DMA Channel Enable .................... RW
15-9 Reserved
........................................ always reads 0
8
PCI DMA Pair A
0
Disable................................................... default
1Enable
7
PCI DMA Channel 7
0
Disable................................................... default
1Enable
6
PCI DMA Channel 6
0
Disable................................................... default
1Enable
5
PCI DMA Channel 5
0
Disable................................................... default
1Enable
4
Reserved
........................................ always reads 0
3
PCI DMA Channel 3
0
Disable................................................... default
1Enable
2
PCI DMA Channel 2
0
Disable................................................... default
1Enable
1
PCI DMA Channel 1
0
Disable................................................... default
1Enable
0
PCI DMA Channel 0
0
Disable................................................... default
1Enable
Offset 7F-7E – 32-Bit DMA Control ............................... RW
15-3 32-Bit DMA High Page (A31-24) Registers IOBase
2-1
Reserved
........................................ always reads 0
0
32-Bit DMA
0
Disable................................................... default
1Enable
Offset 80 – Programmable Chip Select Mask ................ RW
7-4
PCS1# I/O Port Address Mask [3-0]
3-0
PCS0# I/O Port Address Mask [3-0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com