Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 92 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 92 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 88Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 89Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 90Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 91Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 92Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 93Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 94Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 95Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 96Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-86-
Function 4 Regs - Power Management, SMBus and HWM
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Offset 4B-48 – Power Management I/O Base .................RW
31-16 Reserved
........................................ always reads 0
15-7 Power Management I/O Register Base Address.
Port Address for the base of the 128-byte Power
Management I/O Register block, corresponding to
AD[15:7].
The "I/O Space" bit at offset 41 bit-7
enables access to this register block. The definitions
of the registers in the Power Management I/O
Register Block are included later in this document,
following
the
Power-Management-Specific
PCI
Configuration register descriptions and the Power
Management Subsystem overview.
6-0
0000001b
Offset 4C – Host Bus Power Management Control........RW
7-4
Thermal Duty Cycle (THM_DTY)
This 4-bit field determines the duty cycle of the
STPCLK# signal when the THRM# pin is asserted
low. The field is decoded as follows:
0000 Reserved.................................................default
0001 0-6.25%
0010 6.25-12.50%
0011 18.75-25.00%
0100 31.25-37.50%
0101 37.50-43.75%
0110 43.75-50.00%
0111 50.00-56.25%
1000 56.25-62.50%
1001 62.50-68.75%
1010 68.75-75.00%
1011 75.00-87.50%
1100 75.00-81.25%
1101 81.25-87.50%
1110 87.50-93.75%
1111 93.75-100%
3THRM Enable
0
Disable ...................................................default
1Enable
2
Frame Input as Resume Event in C3
0
Disable ...................................................default
1Enable
1
Reserved
........................................ always reads 0
0
CPU Stop Grant Cycle Select
0
From Halt and Stop Grant Cycle ............default
1
From Stop Grant Cycle
This bit is combined with I/O space Rx2C[3] for
controlling the start of CPUSTP# assertion during
system suspend mode:
Rx2C[3]
Rx4C[0]
Function 4
Function 4
I/O Space
Cfg Space
CPUSTP# Assertion
0
x
Immediate
1
0
Wait for CPU Halt
/ Stop Grant cycle
1
1
Wait for CPU
Stop Grant cycle
Offset 4D – Throttle / Clock Stop Control...................... RW
7
Throttle Timer Reset ......................................def = 0
6-5
Throttle Timer
0x 4-Bit .................................................... default
10 3-Bit
11 2-Bit
4
Fast Clock (7.5us) as Throttle Timer Tick
0
Disable................................................... default
1Enable
3
Reserved
........................................ always reads 0
2
Internal Clock Stop for PCI Idle
0
Disable................................................... default
1Enable
1
Internal Clock Stop During C3
0
Disable................................................... default
1Enable
0
Internal Clock Stop During Suspend
0
Disable................................................... default
1Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com