Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 53 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 49Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 50Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 51Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 52Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 53Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 54Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 55Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 56Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-47-
Register Descriptions - Super-I/O I/O Ports
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Super-I/O Configuration Index / Data Registers
Super-I/O configuration registers are accessed by performing
I/O operations to / from an index / data pair of registers in
system I/O space at port addresses 3F0h and 3F1h.
The
configuration registers accessed using this mechanism are used
to configure the Super-I/O registers (parallel port, serial ports,
IR port, and floppy controller).
Super I/O configuration is accomplished in three steps:
1) Enter configuration mode (set Function 0 Rx85[1] = 1)
2) Configure the chip
a) Write index to port 3F0
b) Read / write data from / to port 3F1
c) Repeat a and b for all desired registers
3) Exit configuration mode (set Function 0 Rx85[1] = 0)
Port 3F0h – Super-I/O Configuration Index...................RW
7-0
Index value
Function 0 PCI configuration space register Rx85[1] must be
set to 1 to enable access to the Super-I/O configuration
registers.
Port 3F1h – Super-I/O Configuration Data ....................RW
7-0
Data value
This register shares a port with the Floppy Status Port (which
is read only). This port is accessible only when Rx85[1] is set
to 1 (the floppy status port is accessed if Rx85[1] = 0).
Super-I/O Configuration Registers
These registers are accessed via the port 3F0 / 3F1 index / data
register pair using the indicated index values below
Index E0 – Super-I/O Device ID ....................................... RO
7-0
Super-I/O ID ........................................ default = 3Ch
Index E1 – Super-I/O Device Revision............................. RO
7-0
Super-I/O Revision Code ......................... default = 0
Index E2 – Super-I/O Function Select ............................ RW
7-5
Reserved
........................................ always reads 0
4
Floppy Controller Enable
0
Disable................................................... default
1Enable
3
Serial Port 2 Enable
0
Disable................................................... default
1Enable
2
Serial Port 1 Enable
0
Disable................................................... default
1Enable
1-0
Parallel Port Mode / Enable
00 Unidirectional mode .............................. default
01 ECP
10 EPP
11 Parallel Port Disabled
Index E3 – Floppy Controller I/O Base Address ........... RW
7-2
I/O Address 9-4......................................... default = 0
1-0
Must be 0
.............................................. default = 0
Index E6 – Parallel Port I/O Base Address .................... RW
7-0
I/O Address 9-2......................................... default = 0
If EPP is not enabled, the parallel port can be set to 192
locations on 4-byte boundaries from 100h to 3FCh. If EPP is
enabled, the parallel port can be set to 96 locations on 8-byte
boundaries from 100h to 3F8h.
Index E7 – Serial Port 1 I/O Base Address..................... RW
7-1
I/O Address 9-3......................................... default = 0
0
Must be 0
.............................................. default = 0
Index E8 – Serial Port 2 I/O Base Address..................... RW
7-1
I/O Address 9-3......................................... default = 0
0
Must be 0
.............................................. default = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com