Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 34Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 35Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 36Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 37Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 38Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 39Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 40Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 41Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-32-
Register Overview
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
PCI Function 0 Registers – PCI-to-ISA Bridge
Configuration Space PCI-to-ISA Bridge Header Registers
Offset PCI Configuration Space Header
Default
Acc
1-0
Vendor ID
1106
RO
3-2
Device ID
8231
RO
5-4
Command
0087
RW
7-6
Status
0200
WC
8
Revision ID
nn
RO
9
Programming Interface
00
RO
A
Sub Class Code
01
RO
B
Base Class Code
06
RO
C
-reserved- (cache line size)
00
—
D
-reserved- (latency timer)
00
—
E
Header Type
80
RO
F
Built In Self Test (BIST)
00
RO
10-27 -reserved- (base address registers)
00
—
28-2B -reserved- (unassigned)
00
—
2F-2C Subsystem ID Read
00
RO
30-33 -reserved- (expan. ROM base addr)
00
—
34-3B -reserved- (unassigned)
00
—
3C
-reserved- (interrupt line)
00
—
3D
-reserved- (interrupt pin)
00
—
3E
-reserved- (min gnt)
00
—
3F
-reserved- (max lat)
00
—
Configuration Space PCI-to-ISA Bridge-Specific Registers
Offset ISA Bus Control
Default
Acc
40
ISA Bus Control
00
RW
41
ISA Test Mode
00
RW
42
ISA Clock Control
00
RW
43
ROM Decode Control
00
RW
44
Keyboard Controller Control
00
RW
45
Type F DMA Control
00
RW
46
Miscellaneous Control 1
00
RW
47
Miscellaneous Control 2
00
RW
48
Miscellaneous Control 3
01
RW
49
-reserved-
00
—
4A
IDE Interrupt Routing
04
RW
4B
-reserved-
00
—
4C
DMA / Master Mem Access Control 1
00
RW
4D
DMA / Master Mem Access Control 2
00
RW
4F-4E DMA / Master Mem Access Control 3
0300
RW
Offset Plug and Play Control
Default
Acc
50
PnP DMA Request Control
2D
RW
51
PnP Routing for LPT / FDC IRQ
00
RW
52
PnP Routing for COM2 / COM1 IRQ
00
RW
53
-reserved-
00
—
54
PCI IRQ Edge / Level Select
00
RW
55
PnP Routing for PCI INTA
00
RW
56
PnP Routing for PCI INTB-C
00
RW
57
PnP Routing for PCI INTD
00
RW
58
-reserved-
00
—
59
-reserved-
04
—
5A
KBC / RTC Control
x4†
RW
5B
Internal RTC Test Mode
00
RW
5C
DMA Control
00
RW
5D-5E -reserved-
00
—
5F
-reserved- (do not program)
04
RW
† Bit 7-4 power-up default depends on external strapping
Offset Distributed DMA
Default
Acc
61-60 Channel 0 Base Address / Enable
0000
RW
63-62 Channel 1 Base Address / Enable
0000
RW
65-64 Channel 2 Base Address / Enable
0000
RW
67-66 Channel 3 Base Address / Enable
0000
RW
69-68 Serial IRQ Control
0000
RW
6B-6A Channel 5 Base Address / Enable
0000
RW
6D-6C Channel 6 Base Address / Enable
0000
RW
6F-6E Channel 7 Base Address / Enable
0000
RW
Offset Miscellaneous
Default
Acc
70
Subsystem ID Write
00
WO
71-73 -reserved-
00
—
74
GPIO Control 1
00
RW
75
GPIO Control 2
00
RW
76
GPIO Control 3
00
RW
77
GPIO Control 4
00
RW
79-78 PCS0# I/O Port Address
0000 0000 RW
7B-7A PCS1# I/O Port Address
0000 0000 RW
7D-7C PCI DMA Channel Enable
0000
RW
7F-7E 32-Bit DMA Control
0000
RW
80
Programmable Chip Select Mask
00
RW
81
ISA Positive Decoding Control 1
00
RW
82
ISA Positive Decoding Control 2
00
RW
83
ISA Positive Decoding Control 3
00
RW
84
ISA Positive Decoding Control 4
00
RW
85
Extended Function Enable
00
RW
86-87 PnP IRQ/DRQ Test (do not program)
00
RW
88
PLL Test
00
RW
89
PLL Control
00
RW
8A
PCS2/3 I/O Port Address Mask
00
RW
8B
PCS Control
00
RW
8D-8C PCS2# I/O Port Address
0000
RW
8F-8E PCS3# I/O Port Address
0000
RW
90-FF -reserved-
00
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com