Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 62 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 62 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 58Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 59Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 60Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 61Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 62Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 63Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 64Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 65Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 66Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-56-
Function 0 Registers - PCI to ISA Bridge
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
PCI Configuration Space I/O
PCI configuration space accesses for functions 0-6 use PCI
configuration mechanism 1 (see PCI specification revision 2.2
for more details).
The ports respond only to double-word
accesses. Byte or word accesses will be passed on unchanged.
Port CFB-CF8 - Configuration Address .........................RW
31
Configuration Space Enable
0
Disabled .................................................default
1
Convert configuration data port writes to
configuration cycles on the PCI bus
30-24 Reserved
........................................ always reads 0
23-16 PCI Bus Number
Used to choose a specific PCI bus in the system
15-11 Device Number
Used to choose a specific device in the system
10-8 Function Number
Used to choose a specific function if the selected
device supports multiple functions
7-2
Register Number
Used to select a specific DWORD in the device’s
configuration space
1-0
Fixed
........................................ always reads 0
Port CFF-CFC - Configuration Data ..............................RW
There are 7 “functions” implemented in the VT8231:
Function #
Function
0
PCI to ISA Bridge
1
IDE Controller
2
USB Controller Ports 0-1
3
USB Controller Ports 2-3
4
Power Management, SMBus & Hardware
Monitor
5
AC97 Audio Codec Controller
6
MC97 Modem Codec Controller
The following sections describe the registers and register bits
of these functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com