Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 59 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 59 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 55Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 56Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 57Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 58Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 59Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 60Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 61Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 62Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 63Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-53-
Register Descriptions - Super-I/O I/O Ports
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Serial Port 2 Registers
These registers are located at I/O ports which are offsets from
“COM2Base” (index C8h of the Super-I/O configuration
registers). COM2Base is typically set to allow these ports to
be accessed at the standard serial port 2 address range of 2F8-
2FFh.
Port COM1Base+0 – Transmit / Receive Buffer ............RW
7-0
Serial Data
Port COM1Base+1 – Interrupt Enable ...........................RW
7-4
Undefined
..........................................always read 0
3
Interrupt on Hnadshake Input State Change
2
Intr on Parity, Overrun, Framing Error or Break
1
Interrupt on Transmit Buffer Empty
0
Interrupt on Receive Data Ready
Port COM1Base+2 – Interrupt Status .............................RO
7-3
Undefined
..........................................always read 0
2-1
Interrupt ID (0=highest priority)
00 Priority 3 (Handshake Input Changed State)
01 Priority 2 (Transmit Buffer Empty)
10 Priority 1 (Data Received)
11 Priority 0 (Serialization Error or Break)
0
Interrupt Pending
0
Interrupt Pending
1
No Interrupt Pending
Port COM1Base+2 – FIFO Control ............................... WO
Port COM1Base+3 – UART Control...............................RW
7
Divisor Latch Access
0
Select transmit / receive registers
1
Select divisor latch
6
Break
0
Break condition off
1
Break condition on
5-3
Parity
000 None
001 Odd
011 Even
101 Mark
111 Space
2
Stop Bits
01
12
1-0
Data Bits
00 5
01 6
10 7
11 8
Port COM1Base+4 – Handshake Control ...................... RW
7-5
Undefined
......................................... always read 0
4
Loopback Check
0
Normal operation
1
Loopback enabled
3
General Purpose Output 2 (unused in VT8231)
2
General Purpose Output 1 (unused in VT8231)
1
Request To Send
0
Disabled
1Enabled
0
Data Terminal Ready
0
Disabled
1Enabled
Port COM1Base+5 – UART Status................................. RW
7
Undefined
......................................... always read 0
6
Transmitter Empty
0
1 byte in transmit hold or transmit shift register
1
0 bytes transmit hold and transmit shift regs
5
Transmit Buffer Empty
0
1 byte in transmit hold register
1
Transmit hold register empty
4
Break Detected
0
No break detected
1
Break detected
3
Framing Error Detected
0
No error
1
Error
2
Parity Error Detected
0
No error
1
Error
1
Overrun Error Detected
0
No error
1
Error
0
Received Data Ready
0
No received data available
1
Received data in receiver buffer register
Port COM1Base+6 – Handshake Status......................... RW
7
DCD Status (1=Active, 0=Inactive)
6
RI Status (1=Active, 0=Inactive)
5
DSR Status (1=Active, 0=Inactive)
4
CTS Status (1=Active, 0=Inactive)
3
DCD Changed (1=Changed Since Last Read)
2
RI Changed (1=Changed Since Last Read)
1
DSR Changed (1=Changed Since Last Read)
0
CTS Changed (1=Changed Since Last Read)
Port COM1Base+7 – Scratchpad .................................... RW
7
Scratchpad Data
Port COM1Base+9-8 – Baud Rate Generator Divisor .. RW
15-0 Divisor Value for Basud Rate Generator
Baud Rate = 115,200 / Divisor
(e.g., setting this register to 1 selects 115.2 Kbaud)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com