Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 95 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 95 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 91Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 92Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 93Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 94Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 95Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 96Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 97Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 98Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 99Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-89-
Function 4 Regs - Power Management, SMBus and HWM
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Offset 58 – GP2 / GP3 Timer Control .............................RW
7
GP3 Timer Start
On setting this bit to 1, the GP3 timer loads the value
defined by Rx5A and starts counting down. The GP3
timer is reloaded at the occurrence of certain events
enabled in the GP Timer Reload Enable Register
(Power Management I/O Space Offset 38h).
If no
such event occurs and the GP3 timer counts down to
zero, then the GP3 Timer Timeout Status bit is set to
one (bit-13 of the Global Status register at Power
Management
Register
I/O
Space
Offset
28h).
Additionally, if the GP3 Timer Timeout Enable bit is
set (bit-13 of the Global Enable register at Power
Management Register I/O Space Offset 2Ah), then an
SMI is generated.
6
GP3 Timer Automatic Reload
0
GP3 Timer stops at 0 .............................default
1
Reload GP3 timer automatically after counting
down to 0
5-4
GP3 Timer Tick Select
00 Disable ...................................................default
01 1/4 millisecond
10 1 second
11 1 minute
3
GP2 Timer Start
On setting this bit to 1, the GP2 timer loads the value
defined by Rx59 and starts counting down. The GP2
timer is reloaded at the occurrence of certain events
enabled in the GP Timer Reload Enable Register
(Power Management I/O Space Offset 38h).
If no
such event occurs and the GP2 timer counts down to
zero, then the GP2 Timer Timeout Status bit is set to
one (bit-12 of the Global Status register at Power
Management
Register
I/O
Space
Offset
28h).
Additionally, if the GP2 Timer Timeout Enable bit is
set (bit-12 of the Global Enable register at Power
Management Register I/O Space Offset 2Ah), then an
SMI is generated.
2
GP2 Timer Automatic Reload
0
GP2 Timer stops at 0 .............................default
1
Reload GP2 timer automatically after counting
down to 0
1-0
GP2 Timer Tick Select
00 Disable ...................................................default
01 1/16 second
10 1 second
11 1 minute
Offset 59 – GP2 Timer...................................................... RW
7
Write: GP2 Timer Load Value............... default = 0
Read: GP2 Timer Current Count
Offset 5A – GP3 Timer..................................................... RW
7
Write: GP3 Timer Load Value............... default = 0
Read: GP3 Timer Current Count



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com