Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 16Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 17Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 18Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 19Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 20Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 21Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 22Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 23Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-14-
Pinouts
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Universal Serial Bus Interface
Signal Name
Pin #
I/O
Signal Description
USBP0+
B20
IO
USB Port 0 Data +
USBP0-
A20
IO
USB Port 0 Data -
USBP1+
B19
IO
USB Port 1 Data +
USBP1-
A19
IO
USB Port 1 Data -
USBP2+
B18
IO
USB Port 2 Data +
USBP2-
A18
IO
USB Port 2 Data -
USBP3+
C17
IO
USB Port 3 Data +
USBP3-
B17
IO
USB Port 3 Data -
USBCLK
C15
I
USB Clock. 48MHz clock input for the USB interface
USBOC0#
A17
I
USB Port 0 Over Current Detect. Port 0 is disabled if this input is low.
USBOC1#
D16
I
USB Port 1 Over Current Detect. Port 1 is disabled if this input is low
USBOC2# / LA20 / GPO20
W13
I / IO / O
USB Port 2 Over Current Detect. Port 2 is disabled if this input is low.
USBOC3# / LA21 / GPO21
Y13
I / IO / O
USB Port 3 Over Current Detect. Port 3 is disabled if this input is low.
System Management Bus (SMB) Interface (I
2C Bus)
Signal Name
Pin #
I/O
Signal Description
SMBCK1
R3
IO
SMB / I
2C Channel 1 Clock.
SMBCK2 / GPIO27
R1
IO / IO
SMB / I
2C Channel 2 Clock.
SMBDT1
T1
IO
SMB / I
2C Channel 1 Data.
SMBDT2 / GPIO26
R2
IO / IO
SMB / I
2C Channel 2 Data.
SMBALRT# / GPI7
T2
I / I
SMB Alert. (System Management Bus I/O space Rx08[3] = 1) When the
chip is enabled to allow it, assertion generates an IRQ or SMI interrupt or a
power management resume event. The same pin is used as General Purpose
Input 6 whose value is reflected in Rx48[6] of function 4 I/O space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com