Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 104 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 104 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 100Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 101Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 102Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 103Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 104Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 105Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 106Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 107Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 108Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-98-
Power Management I/O-Space Registers
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
I/O Offset 33-30 - Primary Activity Detect Status.......RWC
These bits correspond to the Primary Activity Detect Enable
bits in offset 37-34. All bits default to 0, are set by hardware
only, and may only be cleared by writing 1s to the desired bit.
31-11 Reserved
..........................................always read 0
10
Audio Access Status .............................. (AUD_STS)
Set if Audio is accessed.
9
Keyboard Controller Access Status..... (KBC_STS)
Set if the KBC is accessed via I/O port 60h.
8
VGA Access Status................................ (VGA_STS)
Set if the VGA port is accessed via I/O ports 3B0-
3DFh or memory space A0000-BFFFFh.
7
Parallel Port Access Status.................... (LPT_STS)
Set if the parallel port is accessed via I/O ports 278-
27Fh or 378-37Fh (LPT2 or LPT1).
6
Serial Port B Access Status .............. (COMB_STS)
Set if the serial port is accessed via I/O ports 2F8-
2FFh or 2E8-2Efh (COM2 and COM4 respectively).
5
Serial Port A Access Status .............. (COMA_STS)
Set if the serial port is accessed via I/O ports 3F8-
3FFh or 3E8-3EFh (COM1 and COM3, respectively).
4
Floppy Access Status..............................(FDC_STS)
Set if the floppy controller is accessed via I/O ports
3F0-3F5h or 3F7h.
3
Secondary IDE Access Status...............(SIDE_STS)
Set if the IDE controller is accessed via I/O ports
170-177h or 376h.
2
Primary IDE Access Status ................. (PIDE_STS)
Set if the IDE controller is accessed via I/O ports
1F0-1F7h or 3F6h.
1
Primary Interrupt Activity Status ...... (PIRQ_STS)
Set on the occurrence of a primary interrupt (enabled
via the "Primary Interrupt Channel" register at
Function 4 PCI configuration register offset 44h).
0
PCI Master Access Status .................... (DRQ_STS)
Set on the occurrence of PCI master activity.
Note: The bits above correspond to the bits of the Primary
Activity Detect Enable register at offset 34 (see right hand
column of this page): if the corresponding bit is set in that
register, setting of the above bits will cause the PACT_STS bit
to be set (bit-0 of the Global Status register at offset 28).
Setting of PACT_STS may be set up to enable a "Primary
Activity Event": an SMI will be generated if PACT_EN is set
(bit-0 of the Global Enable register at offset 2Ah) and/or the
GP0 timer will be reloaded if the "GP0 Timer Reload on
Primary Activity" bit is set (bit-0 of the GP Timer Reload
Enable register at offset 38 on this page).
Note: Bits 2-9 above also correspond to bits of the GP Timer
Reload Enable register (see offset 38 on next page): If bits are
set in that register, setting a corresponding bit in this register
will cause the GP1 timer to be reloaded.
I/O Offset 37-34 - Primary Activity Detect Enable........ RW
These bits correspond to the Primary Activity Detect Status
bits in offset 33-30. Setting of any of these bits also sets the
PACT_STS bit (bit-0 of offset 28) which causes the GP0 timer
to be reloaded (if PACT_GP0_EN is set) or generates an SMI
(if PACT_EN is set).
31-11 Reserved
......................................... always read 0
10
SMI on Audio Status .............................. (KBC_EN)
0
Don't set PACT_STS if AUD_STS is set .... def
1
Set PACT_STS if AUD_STS is set
9
SMI on Keyboard Controller Status..... (KBC_EN)
0
Don't set PACT_STS if KBC_STS is set..... def
1
Set PACT_STS if KBC_STS is set
8
SMI on VGA Status................................ (VGA_EN)
0
Don't set PACT_STS if VGA_STS is set .... def
1
Set PACT_STS if VGA_STS is set
7
SMI on Parallel Port Status.................... (LPT_EN)
0
Don't set PACT_STS if LPT_STS is set...... def
1
Set PACT_STS if LPT_STS is set
6
SMI on Serial Port B Status ...............(COMB_EN)
0
Don't set PACT_STS if COMB_STS is set . def
1
Set PACT_STS if COMB_STS is set
5
SMI on Serial Port A Status .............. (COMA_EN)
0
Don't set PACT_STS if COMA_STS is set . def
1
Set PACT_STS if COMA_STS is set
4
SMI on Floppy Status .............................(FDC_EN)
0
Don't set PACT_STS if FDC_STS is set ..... def
1
Set PACT_STS if FDC_STS is set
3
SMI on Secondary IDE Status...............(SIDE_EN)
0
Don't set PACT_STS if SIDE_STS is set .... def
1
Set PACT_STS if SIDE_STS is set
2
SMI on PrimaryIDE Status ...................(PIDE_EN)
0
Don't set PACT_STS if PIDE_STS is set .... def
1
Set PACT_STS if PIDE_STS is set
1
SMI on Primary INTR Status .............. (PIRQ_EN)
0
Don't set PACT_STS if PIRQ_STS is set.... def
1
Set PACT_STS if PIRQ_STS is set
0
SMI on PCI Master Status .................... (DRQ_EN)
0
Don't set PACT_STS if DRQ_STS is set .... def
1
Set PACT_STS if DRQ_STS is set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com