Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 124 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 124 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 120Page - Dallas Semiconductor DS3134 Datasheet HTML 121Page - Dallas Semiconductor DS3134 Datasheet HTML 122Page - Dallas Semiconductor DS3134 Datasheet HTML 123Page - Dallas Semiconductor DS3134 Datasheet HTML 124Page - Dallas Semiconductor DS3134 Datasheet HTML 125Page - Dallas Semiconductor DS3134 Datasheet HTML 126Page - Dallas Semiconductor DS3134 Datasheet HTML 127Page - Dallas Semiconductor DS3134 Datasheet HTML 128Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 203 page
background image
DS3134
124 of 203
Transmit DMA Memory Organization Figure 8.2.1B
Free Data Buffer Space
Transmit Pending Queue Descriptors:
Contains Index Pointers to Packet Descriptors
of Queued Data Buffers that are Ready
to be Transmitted
Pending Queue Base Address (32)
Pending Queue End Address (16)
Pending Queue Host Write Pointer (16)
Pending Queue DMA Read Pointer (16)
Up to 64K dwords
Free Queue Descriptors Allowed
Transmit Done Queue Descriptors:
Contains Index Pointers to Packet Descriptors
of Data Buffers that have been Transmitted
Done Queue Base Address (32)
Done Queue End Address (16)
Done Queue DMA Write Pointer (16)
Done Queue Host Read Pointer (16)
Up to 64K dwords
Done Queue Descriptors Allowed
Transmit Packet Descriptors:
Contains 32-Bit Addresses
to Data Buffers as well as
Status/Control Information and
Links to Other Packet Descriptors
Descriptor Base Address (32)
Up to 64K Quad dwords
Descriptors Allowed
Used Data Buffer Space
Main Offboard Memory
(32-Bit Address Space)
Internal Chateau Registers
dmatbd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com