Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 127 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 127 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 123Page - Dallas Semiconductor DS3134 Datasheet HTML 124Page - Dallas Semiconductor DS3134 Datasheet HTML 125Page - Dallas Semiconductor DS3134 Datasheet HTML 126Page - Dallas Semiconductor DS3134 Datasheet HTML 127Page - Dallas Semiconductor DS3134 Datasheet HTML 128Page - Dallas Semiconductor DS3134 Datasheet HTML 129Page - Dallas Semiconductor DS3134 Datasheet HTML 130Page - Dallas Semiconductor DS3134 Datasheet HTML 131Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 203 page
background image
DS3134
127 of 203
DMA UPDATES TO THE DONE QUEUE
The Host has two options as to when the transmit DMA should write descriptors that have completed
transmission to the Done Queue. On a channel-by-channel basis, via the Done Queue Select (DQS) bit in
the Transmit DMA Configuration RAM, the Host can condition the DMA to:
1. Write to the Done Queue only when the complete HDLC packet has been transmitted (DQS = 0)
2. Write to the Done Queue when each data buffer has been transmitted (DQS = 1)
The Status field in the Done Queue Descriptor will be configured based on the setting of the DQS bit. If
DQS = 0, then when a packet has successfully completed transmission the Status field will be set to 000.
If DQS = 1, then when the first data buffer has successfully completed transmission the Status field will
be set to 001. When each middle buffer (i.e. the second through the next to last) has successfully
completed transmission the Status field will be set to 010. When the last data buffer of a packet has
successfully completed transmission, the Status field will be set to 011.
ERROR CONDITIONS
While processing packets for transmission, the DMA can encounter a number of error conditions, which
include;
- PCI error (an abort )
- Transmit FIFO underflow
- Channel is disabled (CHEN = 0) in the Transmit DMA Configuration RAM
- Channel number discrepancy between the Pending Queue & the Packet Descriptor
- Byte count of 0 bytes in the Packet Descriptor.
If any of these errors occur, the transmit DMA will automatically disable the affected channel by setting
the Channel Enable (CHEN) bit in the Transmit DMA Configuration RAM to zero and then it will write
the current descriptor into the Done Queue with the appropriate error status as shown in Table 8.2.1B
below.
Done Queue Error Status Conditions Table 8.2.1B
Packet
Status
Description of the Error
100
software provisioning error; this channel was not enabled
101
descriptor error; either byte count = 0 or channel code inconsistent with
Pending Queue
110
PCI error; abort
111
transmit FIFO error; it has underflowed
Since the transmit DMA has disabled the channel, any remaining queued descriptors will not be
transmitted and will be written to the Done Queue with a Packet Status of 100 (i.e. reporting that the
channel was not enabled). At this point, the Host has two options. Option 1, it can wait until all of the
remaining queued descriptors are written to the Done Queue with an errored status and then manually re-
enable the channel by setting the CHEN bit to one and then re-queue all of the affected packets. Option 2,
as soon as it detects an errored status, it can force the channel active again by setting the Channel Reset
(CHRST) bit to a one for the next descriptor that it writes to the Pending Queue for the affected channel.
As soon as the transmit DMA detects that the CHRST is set to a one, it will re-enable the channel by



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com