Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 130 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 130 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 126Page - Dallas Semiconductor DS3134 Datasheet HTML 127Page - Dallas Semiconductor DS3134 Datasheet HTML 128Page - Dallas Semiconductor DS3134 Datasheet HTML 129Page - Dallas Semiconductor DS3134 Datasheet HTML 130Page - Dallas Semiconductor DS3134 Datasheet HTML 131Page - Dallas Semiconductor DS3134 Datasheet HTML 132Page - Dallas Semiconductor DS3134 Datasheet HTML 133Page - Dallas Semiconductor DS3134 Datasheet HTML 134Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 203 page
background image
DS3134
130 of 203
Transmit Packet Descriptors Figure 8.2.2B
dword 0
Data Buffer Address (32)
dword 1
EOF
CV
unused
Byte Count (13)
Next Descriptor Pointer (16)
dword 2
unused (24)
HDLC Channel (8)
dword 3
unused (15)
PV
Next Pending Descriptor Pointer (16)
Note:
1.
The organization of the Transmit Descriptor is not affected by the enabling of Big Endian
2.
The format of the Transmit Descriptor is almost identical to the Receive Descriptor; this lessens the
burden of the Host in preparing descriptors in store-and-forward applications
3.
Next Descriptor pointer is an index and not an absolute address.
dword 0; Bits 0 to 31 / Data Buffer Address. Direct 32-bit starting address of the data buffer that is associated
with this transmits descriptor.
dword 1; Bits 0 to 15 / Next Descriptor Pointer. This 16-bit value is the offset from the Transmit Descriptor
Base Address of the next descriptor in the chain. Only valid if EOF = 0 (next descriptor in the same packet chain)
or if EOF = 1 and CV = 1 (first descriptor in the next packet).
dword 1; Bits 16 to 28 / Byte Count. Number of bytes stored in the data buffer. Maximum is 8191 bytes (0000h
= 0 bytes / 1FFFh = 8191 bytes).
dword 1; Bit 29 / Unused. This bit is ignored by the transmit DMA and can be set to any value.
dword 1; Bit 30 / Chain Valid (CV).
If CV is set to a one when EOF = 1, then this indicates that the Next
Descriptor Pointer field is valid and corresponds to the first descriptor of the next packet that is queued up for
transmission. The CV bit is ignored when EOF = 0.
dword 1; Bit 31 / End Of Frame (EOF).
When set to a one, this bit indicates that the descriptor is the last
buffer in the current packet. When set to a zero, this bit indicates that Next Descriptor Pointer field is valid and
points to the next descriptor in the packet chain.
dword 2; Bits 0 to 7 / HDLC Channel Number. HDLC channel number, which can be from 1 to 256.
00000000 (00h) = HDLC Channel Number 1
11111111 (FFh) = HDLC Channel Number 256
dword 2; Bits 8 to 31 / Unused. These bits are ignored by the transmit DMA and can be set to any value.
dword 3; Bits 0 to 15 / Next Pending Descriptor Pointer. This 16-bit value is the offset from the Transmit
Descriptor Base Address to another the descriptor chain that is queued up for transmission. The transmit DMA
can store up to 2 queued packet chains internally but additional packet chains must be stored as a link list by the
transmit DMA using this field. This field is only valid if PV = 1 and it should be set to 0000h by the Host when
the Host is preparing the descriptor.
dword 3; Bit 16 / Pending Descriptor Valid (PV). If set, this bit indicates that the Next Pending Descriptor
Pointer field is valid and corresponds to the first descriptor of the next packet chain that is queued up for
transmission. This field is written to by the transmit DMA to link descriptors together and should always be set to
0 by the Host.
dword 3; Bits 17 to 31 / Unused. These bits are ignored by the transmit DMA and can be set to any value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com