Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 133 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 133 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 129Page - Dallas Semiconductor DS3134 Datasheet HTML 130Page - Dallas Semiconductor DS3134 Datasheet HTML 131Page - Dallas Semiconductor DS3134 Datasheet HTML 132Page - Dallas Semiconductor DS3134 Datasheet HTML 133Page - Dallas Semiconductor DS3134 Datasheet HTML 134Page - Dallas Semiconductor DS3134 Datasheet HTML 135Page - Dallas Semiconductor DS3134 Datasheet HTML 136Page - Dallas Semiconductor DS3134 Datasheet HTML 137Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 203 page
background image
DS3134
133 of 203
Transmit Pending Queue Internal Address Storage Table 8.2.3A
Register Name
Acronym
Address
Transmit Pending Queue Base Address 0 (lower word)
TPQBA0
0800h
Transmit Pending Queue Base Address 1 (upper word)
TPQBA1
0804h
Transmit Pending Queue Host Write Pointer
TPQWP
080Ch
Transmit Pending Queue DMA Read Pointer
TPQRP
0810h
Transmit Pending Queue End Address
TPQEA
0808h
Note: Transmit Free Queue End Address is not an absolute address. The absolute end address is “Base +
TPQEA”.
Transmit Pending Queue Structure Figure 8.2.3B
Once the Transmit DMA is activated (by setting the TDE control bit in the Master Configuration register;
see Section 4), it can begin reading data out of the pending queue. It knows where to read data out of the
pending queue by reading the Read Pointer and adding it to the Base Address to obtain the actual 32-bit
address. Once the DMA has read the Pending Queue, it increments the Read Pointer by one dword. A
check must be made to make sure the incremented address does not exceed the Transmit Pending Queue
End Address. If the incremented address does exceed this address, then the incremented read pointer will
be set equal to 0000h.
Status / Interrupts
On each read of the Pending Queue by the DMA, the DMA will set the Status Bit for Transmit DMA
Pending Queue Read (TPQR) in the Status Register for DMA (SDMA). The status bits can also (if
enabled) cause a hardware interrupt to occur. See Section 4 for more details.
dmatpq
Base + 00h
Base + 04h
Base + 08h
Base + 0Ch
Base + 10h
Base + 14h
Base + End Address
Pending Queue Host Write Pointer
Pending Queue DMA Read Pointer
Maximum of 65536
Pending Queue Descriptors
DMA Acquired
Pending Queue Descriptor
DMA Acquired
Pending Queue Descriptor
DMA Acquired
Pending Queue Descriptor
Host Readied
Pending Queue Descriptor
Host Readied
Pending Queue Descriptor
Host Readied
Pending Queue Descriptor
Host Readied
Pending Queue Descriptor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com