Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 135 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 135 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 131Page - Dallas Semiconductor DS3134 Datasheet HTML 132Page - Dallas Semiconductor DS3134 Datasheet HTML 133Page - Dallas Semiconductor DS3134 Datasheet HTML 134Page - Dallas Semiconductor DS3134 Datasheet HTML 135Page - Dallas Semiconductor DS3134 Datasheet HTML 136Page - Dallas Semiconductor DS3134 Datasheet HTML 137Page - Dallas Semiconductor DS3134 Datasheet HTML 138Page - Dallas Semiconductor DS3134 Datasheet HTML 139Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 203 page
background image
DS3134
135 of 203
Bit 2 / Transmit Done Queue FIFO Enable (TDQFE). See Section 8.2.4 for details.
Bit 3 / Transmit Done Queue FIFO Flush (TDQF). See Section 8.2.4 for details.
Bits 8 to 10 / Transmit Done Queue Status Bit Threshold Setting (TDQT0 to TDQT2). See Section
8.2.4 for more details.
8.2.4 DONE QUEUE
The DMA will write to the Transmit Done Queue when it has finished either transmitting a complete
packet chain or a complete data buffer. This option is selected by the Host when it configures the DQS
field in the Transmit DMA Configuration RAM. See Section 8.2.5 for more details on the Transmit
DMA Configuration RAM. The descriptor location is indicated in the Done Queue via a 16-bit pointer
which the Host will use along with the Transmit Descriptor Base Address to find the exact 32-bit address
of the associated Transmit Descriptor.
Transmit Done Queue Descriptor Figure 8.2.4A
dword 0
unused
Status(3)
CH RST
PRI
HDLC Channel (8)
Descriptor Pointer (16)
Note: The organization of the Done Queue is not affected by the enabling of Big Endian
dword 0; Bits 0 to 15 / Descriptor Pointer. This 16-bit value is the offset from the Transmit Descriptor
Base Address to either the first descriptor in a HDLC packet (can be a single descriptor) that has been
transmitted (DQS = 0) or the descriptor that corresponds to a single data buffer that has been transmitted
(DQS = 1).
dword 0; Bits 16 to 23 / HDLC Channel Number. HDLC channel number, which can be from 1 to
256.
00000000 (00h) = HDLC Channel Number 1
11111111 (FFh) = HDLC Channel Number 256
dword 0; Bit 24 / Priority Packet (PRI). This field is meaningless in the Done Queue and could be set
to any value. See the Pending Queue description in Section 8.2.3 for details.
dword 0; Bit 25 / Channel Reset (CH RST). This field is meaningless in the Done Queue and could be
set to any value. See the Pending Queue description in Section 8.2.3 for details.
dword 0; Bits 26 to 28 / Packet Status. These 3 bits report the final status of an outgoing packet. All
of the error states cause a HDLC abort sequence (8 ones in a row followed by continuous Interfill Bytes of
either FFh or 7Eh) to be sent and the channel will be placed out of service by the transmit DMA setting
the Channel Enable (CHEN) bit in the Transmit DMA Configuration RAM to zero. The status state of
000 will only be used when the channel has been configured by the Host to write to the Done Queue only
after a complete HDLC packet (can be a single data buffer) has been transmitted (i.e. DQS = 0). The
status states of 001, 010, and 011 will only be used when the channel has been configured by the Host to
write to the Done Queue after each data buffer has been transmitted (i.e. DQS = 1).
000 = packet transmission complete and the Descriptor Pointer field corresponds to the first
descriptor in a HDLC packet (can be a single descriptor) that has been transmitted (DQS = 0)
001 = first buffer transmission complete of a multi (or single) buffer packet (DQS = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com