Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 137 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 137 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 133Page - Dallas Semiconductor DS3134 Datasheet HTML 134Page - Dallas Semiconductor DS3134 Datasheet HTML 135Page - Dallas Semiconductor DS3134 Datasheet HTML 136Page - Dallas Semiconductor DS3134 Datasheet HTML 137Page - Dallas Semiconductor DS3134 Datasheet HTML 138Page - Dallas Semiconductor DS3134 Datasheet HTML 139Page - Dallas Semiconductor DS3134 Datasheet HTML 140Page - Dallas Semiconductor DS3134 Datasheet HTML 141Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 203 page
background image
DS3134
137 of 203
Transmit Done Queue Internal Address Storage Table 8.2.4A
Register Name
Acronym
Address
Transmit Done Queue Base Address 0 (lower word)
TDQBA0
0830h
Transmit Done Queue Base Address 1 (upper word)
TDQBA1
0834h
Transmit Done Queue DMA Write Pointer
TDQWP
0840h
Transmit Done Queue Host Read Pointer
TDQRP
083Ch
Transmit Done Queue End Address
TDQEA
0838h
Transmit Done Queue FIFO Flush Timer
TDQFFT
0844h
Note: Transmit Done Queue End Address is not an absolute address. The absolute end address is “Base +
TDQEA * 4”.
Transmit Done Queue Structure Figure 8.2.4B
Once the Transmit DMA is activated (via the TDE control bit in the Master Configuration register; see
Section 4 for more details), it can begin writing data to the Done Queue. It knows where to write data
into the Done Queue by reading the Write Pointer and adding it to the Base Address to obtain the actual
32-bit address. Once the DMA has written to the Done Queue, it increments the Write Pointer by one
dword. A check must be made to make sure the incremented address does not exceed the Transmit Done
Queue End Address. If the incremented address does exceed this address, then the incremented write
pointer will be set equal to 0000h (i.e. the Base Address).
Status Bits / Interrupts
On writes to the Done Queue by the DMA, the DMA will set the Status Bit for Transmit DMA Done
Queue Write (TDQW) in the Status Register for DMA (SDMA). The Host can configure the DMA to
either set this status bit on each write to the Done Queue or only after multiple (from 2 to 128) writes.
The Host controls this by setting the TDQT0 to TDQT2 bits in the Transmit DMA Queues Control
(TDMAQ) register. See the description of the TDMAQ register at the end of this section for more details.
dmatdq
Base + 00h
Base + 04h
Base + 08h
Base + 0Ch
Base + 10h
Base + 14h
Base + End Address
Done Queue DMA Write Pointer
Done Queue Host Read Pointer
Maximum of 65536
Done Queue Descriptors
DMA Readied
Done Queue Descriptor
DMA Readied
Done Queue Descriptor
DMA Readied
Done Queue Descriptor
DMA Readied
Done Queue Descriptor
Host Processed
Done Queue Descriptor
Host Processed
Done Queue Descriptor
Host Processed
Done Queue Descriptor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com