Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 141 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 141 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 137Page - Dallas Semiconductor DS3134 Datasheet HTML 138Page - Dallas Semiconductor DS3134 Datasheet HTML 139Page - Dallas Semiconductor DS3134 Datasheet HTML 140Page - Dallas Semiconductor DS3134 Datasheet HTML 141Page - Dallas Semiconductor DS3134 Datasheet HTML 142Page - Dallas Semiconductor DS3134 Datasheet HTML 143Page - Dallas Semiconductor DS3134 Datasheet HTML 144Page - Dallas Semiconductor DS3134 Datasheet HTML 145Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 203 page
background image
DS3134
141 of 203
- FOR DMA USAGE ONLY / HOST CAN ONLY READ THIS FIELD -
dword 0; Bits 0 to 31 / Current Data Buffer Address. The current 32-bit address of the data buffer that
is being used. This address is used by the DMA to keep track of where data should be read from as it is
passed to the transmit FIFO.
- HOST MUST CONFIGURE -
dword 1; Bit 0 / Channel Enable (CHEN).
This bit is controlled by both the Host and the transmit
DMA to enable and disable a HDLC channel. The DMA will automatically disable a channel when an
error condition occurs (see Section 8.2.1 for a discussion on error conditions).
The DMA will
automatically enable a channel when it detects that the Channel Reset (CHRST) bit in the Pending Queue
descriptor is set to a one.
0 = HDLC Channel Disabled
1 = HDLC Channel Enabled
- HOST MUST CONFIGURE -
dword 1; Bit 1 / Done Queue Select (DQS). This bit determines whether the transmit DMA will write
to the Done Queue only after a complete HDLC packet (which may be only a single buffer) has been
transmitted (in which case the Descriptor Pointer in the Done Queue will correspond to the first descriptor
of the packet) or whether it should write to the Done Queue after each data buffer has been transmitted (in
which case the Descriptor Pointer in the Done Queue will correspond to a single data buffer). The setting
of this bit also affects the reporting of the Status field in the Transmit Done Queue. When DQS = 0, the
only non-errored status possible is a setting of 000. When DQS = 1, then the non-errored settings of 001,
010, and 011 are possible.
0 = write to the Done Queue only after a complete HDLC packet has been transmitted
1 = write to the Done Queue after each data buffer is transmitted
- FOR DMA USAGE ONLY / HOST CAN ONLY READ THIS FIELD -
dword 1; Bit 2/ Unused. This field is not used by the DMA and could be any value when read.
- FOR DMA USAGE ONLY / HOST CAN ONLY READ THIS FIELD -
dword 1; Bits 3 to 15 / Byte Count. The DMA uses these 13 bits to keep track of the number of bytes
stored in the data buffer. Maximum is 8191 bytes (0000h =0 bytes / 1FFFh = 8191 bytes).
- FOR DMA USAGE ONLY / HOST CAN ONLY READ THIS FIELD -
dword 1; Bit 16 / Chain Valid (CV). This is an internal copy of the CV field that resides in the current
Packet Descriptor that the DMA is operating on. See Section 8.2.2 for more details on the CV bit.
- FOR DMA USAGE ONLY / HOST CAN ONLY READ THIS FIELD -
dword 1; Bit 17 / End Of Frame (EOF). This is an internal copy of the EOF field that resides in the
current Packet Descriptor that the DMA is operating on. See Section 8.2.2 for more details on the EOF
bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com