Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 142 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 142 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 138Page - Dallas Semiconductor DS3134 Datasheet HTML 139Page - Dallas Semiconductor DS3134 Datasheet HTML 140Page - Dallas Semiconductor DS3134 Datasheet HTML 141Page - Dallas Semiconductor DS3134 Datasheet HTML 142Page - Dallas Semiconductor DS3134 Datasheet HTML 143Page - Dallas Semiconductor DS3134 Datasheet HTML 144Page - Dallas Semiconductor DS3134 Datasheet HTML 145Page - Dallas Semiconductor DS3134 Datasheet HTML 146Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 203 page
background image
DS3134
142 of 203
- FOR DMA USAGE ONLY / HOST CAN ONLY READ THIS FIELD -
dword 1; Bits 18 to 19 / Pending State (PENDST). This field is used by the transmit DMA to keep
track of queued descriptors as they arrive from the Pending Queue and for the DMA to know when it
should create a horizontal linked list of transmit descriptors and where it can find the next valid
descriptor. This field handles standard packets and the PRIST field handles priority packets.
State
Next Descriptor
Next Pending Descriptor
Pointer field
Pointer field
00
not valid
not valid
01
valid
not valid
10
not valid
valid
11
valid
valid
- FOR DMA USAGE ONLY / HOST CAN ONLY READ THIS FIELD -
dword 1; Bits 20 to 21 / Priority State (PRIST). This field is used by the transmit DMA to keep track
of queued priority descriptors as they arrive from the Pending Queue and for the DMA to know when it
should create a horizontal linked list of transmit priority descriptors and where it can find the next valid
priority descriptor. This field handles priority packets and the PENDST field handles standard packets.
State
Next Priority Descriptor
Next Priority Pending
Pointer field
Descriptor Pointer field
00
not valid
not valid
01
valid
not valid
10
not valid
valid
11
valid
valid
- FOR DMA USAGE ONLY / HOST CAN ONLY READ THIS FIELD -
dword 1; Bit 22/ Processing Priority Packet (PPP). This bit will be set to a one when the DMA is
currently processing a priority packet.
- FOR DMA USAGE ONLY / HOST CAN ONLY READ THIS FIELD -
dword 1; Bits 23 to 31/ Unused. This field is not used by the DMA and could be any value when read
- FOR DMA USAGE ONLY / HOST CAN ONLY READ THIS FIELD -
dword 2; Bits 0 to 15 / Next Descriptor Pointer. This 16-bit value is the offset from the Transmit
Descriptor Base Address of the next Transmit Packet Descriptor for the packet that is currently being
transmitted. Only valid if EOF = 0 or if EOF = 1 and CV = 1.
- FOR DMA USAGE ONLY / HOST CAN ONLY READ THIS FIELD -
dword 2; Bits 16 to 31 / Start Descriptor Pointer. This 16-bit value is the offset from the Transmit
Descriptor Base Address of the first Transmit Packet Descriptor for the packet that is currently being
transmitted. If DQS = 0, then this pointer is written back to the Done Queue when the packet has
completed transmission. This field is used by the DMA for processing standard as well as priority
packets.
- FOR DMA USAGE ONLY / HOST CAN ONLY READ THIS FIELD -
dword 3; Bits 0 to 15 / Next Pending Descriptor Pointer. This 16-bit value is the offset from the
Transmit Descriptor Base Address of the first Transmit Packet Descriptor for the packet that is queued up
next for transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com