Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 144 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 144 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 140Page - Dallas Semiconductor DS3134 Datasheet HTML 141Page - Dallas Semiconductor DS3134 Datasheet HTML 142Page - Dallas Semiconductor DS3134 Datasheet HTML 143Page - Dallas Semiconductor DS3134 Datasheet HTML 144Page - Dallas Semiconductor DS3134 Datasheet HTML 145Page - Dallas Semiconductor DS3134 Datasheet HTML 146Page - Dallas Semiconductor DS3134 Datasheet HTML 147Page - Dallas Semiconductor DS3134 Datasheet HTML 148Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 203 page
background image
DS3134
144 of 203
Bits 8 to 11 / Transmit DMA Configuration RAM Word Select Bits 0 to 3 (TDCW0 to TDCW3).
0000 = lower word of dword 0
0001 = upper word of dword 0
0010 = lower word of dword 1 (only word that the Host can write to)
0011 = upper word of dword 1
0100 = lower word of dword 2
0101 = upper word of dword 2
0110 = lower word of dword 3
0111 = upper word of dword 3
1000 = lower word of dword 4
1001 = upper word of dword 4
1010 = lower word of dword 5
1011 = upper word of dword 5
Bit 14 / Indirect Access Read/Write (IARW). When the host wishes to read data from the internal
Transmit DMA Configuration RAM, this bit should be written to a one by the host. This causes the
device to begin obtaining the data from the channel location indicated by the HCID bits. During the read
access, the IAB bit will be set to one. Once the data is ready to be read from the TDMAC register, the
IAB bit will be set to zero.
When the host wishes to write data to the internal Transmit DMA
Configuration RAM, this bit should be written to a zero by the host. This causes the device to take the
data that is current present in the TDMAC register and write it to the channel location indicated by the
HCID bits. When the device has completed the write, the IAB bit will be set to zero.
Bit 15 / Indirect Access Busy (IAB). When an indirect read or write access is in progress, this read only
bit will be set to a one. During a read operation, this bit will be set to a one until the data is ready to be
read. It will be set to zero when the data is ready to be read. During a write operation, this bit will be set
to a one while the write is taking place. It will be set to zero once the write operation has completed.
Register Name:
TDMAC
Register Description: Transmit DMA Configuration
Register Address:
0874h
76
5432
10
D7
D6
D5
D4
D3
D2
D1
D0
15
14
13
12
11
10
9
8
D15
D14
D13
D12
D11
D10
D9
D8
Note: Bits that are underlined are read only, all other bits are read-write.
Bits 0 to 15 / Transmit DMA Configuration RAM Data (D0 to D15). Data that is written to or read
from the Transmit DMA Configuration RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com