Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 148 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 148 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 144Page - Dallas Semiconductor DS3134 Datasheet HTML 145Page - Dallas Semiconductor DS3134 Datasheet HTML 146Page - Dallas Semiconductor DS3134 Datasheet HTML 147Page - Dallas Semiconductor DS3134 Datasheet HTML 148Page - Dallas Semiconductor DS3134 Datasheet HTML 149Page - Dallas Semiconductor DS3134 Datasheet HTML 150Page - Dallas Semiconductor DS3134 Datasheet HTML 151Page - Dallas Semiconductor DS3134 Datasheet HTML 152Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 203 page
background image
DS3134
148 of 203
PCI Bus Arbitration
The PCI bus can be arbitrated as shown in Figure 9.1D. The initiator will request bus access by asserting
PREQ*. A central arbiter will grant the access some time later by asserting PGNT*. Once the bus has
been granted, the initiator will wait until both PIRDY* and PFRAME* are deasserted (i.e. an idle cycle)
before acquiring the bus and beginning the transaction. As shown in Figure 9.1C, the bus was still being
used when it was granted and the device had to wait until clock cycle #6 before it acquired the bus and
begin the transaction. The arbiter can deassert PGNT* at any time and the initiator must relinquish the
bus after the current transfer is complete (which can be limited by the latency timer).
PCI Bus Arbitration Signaling Protocol Figure 9.1D
PCI Initiator Abort
If a target fails to respond to an initiator by asserting PDEVSEL* and PTRDY* within 5 clock cycles,
then the initiator will abort the transaction by deasserting PFRAME* and then one clock later deasserting
PIDRY* (see Figure 9.1E). If such a scenario occurs, it will be reported via the Master Abort status bit in
the PCI Command/Status configuration register (see Section 9.2).
PCI Initiator Abort Figure 9.1E
1234
5678910
PCLK
PREQ*
PGNT*
PFRAME*
pci_arb
Bus is
Relinquished
Bus is Acquired
Wait for PGNT* Asserted
and then PFRAME* &
PIRDY* Deasserted
1234
5678910
PCLK
PFRAME*
PIRDY*
PTRDY*
PDEVSEL*
pci_iabt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com