Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 150 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 150 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 146Page - Dallas Semiconductor DS3134 Datasheet HTML 147Page - Dallas Semiconductor DS3134 Datasheet HTML 148Page - Dallas Semiconductor DS3134 Datasheet HTML 149Page - Dallas Semiconductor DS3134 Datasheet HTML 150Page - Dallas Semiconductor DS3134 Datasheet HTML 151Page - Dallas Semiconductor DS3134 Datasheet HTML 152Page - Dallas Semiconductor DS3134 Datasheet HTML 153Page - Dallas Semiconductor DS3134 Datasheet HTML 154Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 203 page
background image
DS3134
150 of 203
PCI Target Disconnect Figure 9.1G
PCI Target Abort
Targets can also abort the current transaction which means that it does not wish for the initiator to attempt
the request again. No data is transferred in a target abort scenario. A target abort is signaled to the
initiator by the simultaneous assertion of PSTOP* and deassertion of PDEVSEL* (see Figure 9.1H).
When Chateau is a target, it will only issue a target abort when the Host is accessing the Local Bus. This
will occur when the Host attempts a bus transaction with a combination of bytes enables (PCBE*) that is
not supported by the Local Bus. If such a scenario occurs, it will be reported via the Target Abort
Initiated status bit in the PCI Command/Status configuration register (see Section 9.2). See Section 10.1
for details on Local Bus operation. When Chateau is a bus master, if it detects a target abort, then it will
be reported via the Target Abort Detected by Master status bit in the PCI Command/Status configuration
register (see Section 9.2).
PCI Target Abort Figure 9.1H
PCI Fast Back-to-Back
Fast back-to-back transactions are two consecutive bus transactions without the usually required idle
cycle (PFRAME* and PIRDY* deasserted) between them. This can only occur when there is a guarantee
that there will not be any contention on the signal lines. The PCI specification allows two types of fast
back-to-back transactions, those that access the same agent (Type 1) and those that do not (Type 2).
Figure 9.1J shows an example of a fast back-to-back transaction where no idle cycle exists. As a bus
master, Chateau is no capable of performing a Type 2 access. As a target, it can accept both types of fast
back-to-back transactions.
1234
5678910
PCLK
PFRAME*
PSTOP*
PDEVSEL*
pci_tdis
1234
5678910
PCLK
PFRAME*
PSTOP*
PDEVSEL*
pci_tabt
PTRDY*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com