Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 153 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 153 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 149Page - Dallas Semiconductor DS3134 Datasheet HTML 150Page - Dallas Semiconductor DS3134 Datasheet HTML 151Page - Dallas Semiconductor DS3134 Datasheet HTML 152Page - Dallas Semiconductor DS3134 Datasheet HTML 153Page - Dallas Semiconductor DS3134 Datasheet HTML 154Page - Dallas Semiconductor DS3134 Datasheet HTML 155Page - Dallas Semiconductor DS3134 Datasheet HTML 156Page - Dallas Semiconductor DS3134 Datasheet HTML 157Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 203 page
background image
DS3134
153 of 203
Bit 5 / VGA Control (VGA). This read only bit is forced to zero by the device to indicate that it is not a
VGA compatible device.
Bit 6 / Parity Error Response Control (PARC). This read/write bit controls whether or not the device
should ignore parity errors. When this bit is set to zero, the device will ignore any parity errors that it
detects and continue to operate normally. When this bit is set to one, the device must act on parity errors.
This bit is forced to zero when a hardware reset is initiated via the PRST* pin.
0 = ignore parity errors
1 = act on parity errors
Bit 7 / Address Stepping Control (STEPC). This read only bit is forced to zero by the device to indicate
that it is not capable of address/data stepping.
Bit 8 / PCI System Error Control (PSEC). This read/write bit controls whether or not the device
should enable the PSERR* output pin. When this bit is set to zero, the device will disable the PSERR*
pin and when this bit is set to one, the device will enable the PSERR* pin. This bit is forced to zero when
a hardware reset is initiated via the PRST* pin.
0 = disable the PSERR* pin
1 = enable the PSERR* pin
Bit 9 / Fast Back-to-Back Master Enable (FBBEN). This read only bit is forced to zero by the device
to indicate that it is not capable of generating fast back-to-back transactions to different agents.
Bits 10 to 15 / Reserved. These read only bits are forced to zero by the device.
STATUS BITS
The upper word in the PCMD0 register is the Status portion, which report events as they occur. As
mentioned earlier, reads of the Status portion occur normally but writes are unique in that bits can only be
reset (i.e. forced to zero). This occurs when a one is written to a bit position. Writes with a zero to a bit
position have no affect. This allows individual bits to be reset.
Bits 16 to 20 / Reserved. These read only bits are forced to zero by the device.
Bit 21 / 66 MHz Capable (66 MHz). This read only bit is forced to zero by the device to indicate that it
is not capable of running at 66 MHz.
Bit 22 / User Definable Features Capable (UDF). This read only bit is forced to zero by the device to
indicate that it does not support User Definable Features.
Bit 23 / Fast Back-to-Back Capable Target (FBBCT). This read only bit is forced to one by the device
to indicate that it is capable of accepting fast back-to-back transactions when the transactions are not from
the same agent.
Bit 24 / PCI Parity Error Reported (PARR). This read/write bit will be set to a one when the device is
a bus master and detects or asserts the PPERR* signal when the PARC command bit is enabled. This bit
can be reset (set to zero) by the Host by writing a one to this bit.
0 = no parity errors have been detected
1 = parity errors detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com