Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 151 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 151 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 147Page - Dallas Semiconductor DS3134 Datasheet HTML 148Page - Dallas Semiconductor DS3134 Datasheet HTML 149Page - Dallas Semiconductor DS3134 Datasheet HTML 150Page - Dallas Semiconductor DS3134 Datasheet HTML 151Page - Dallas Semiconductor DS3134 Datasheet HTML 152Page - Dallas Semiconductor DS3134 Datasheet HTML 153Page - Dallas Semiconductor DS3134 Datasheet HTML 154Page - Dallas Semiconductor DS3134 Datasheet HTML 155Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 203 page
background image
DS3134
151 of 203
PCI Fast Back-to-Back Figure 9.1J
9.2 PCI CONFIGURATION REGISTER DESCRIPTION
Register Name:
PVID0
Register Description: PCI Vendor ID / Device ID Register 0
Register Address:
0x000
lsb
Vendor ID (Read Only / set to EAh)
Vendor ID (Read Only / set to 13h)
Device ID (Read Only / set to 34h)
msb
DeviceID (Read Only / set to 31h)
Bits 0 to 15 / Vendor ID. These read only bits identify Dallas Semiconductor as the manufacturer of the
device. The Vendor ID was assigned by the PCI Special Interest Group and is fixed at 13EAh.
Bits 16 to 31 / Device ID. These read only bits identify the DS3134 as the device being used. The
Device ID was assigned by Dallas Semiconductor and is fixed at 3134h.
1234
5678910
data #1
Address
CMD
BE #1
PCLK
PFRAME*
PAD
PCBE*
PIRDY*
PTRDY*
PDEVSEL*
pci_fbb
data #2
data #2
BE #2
BE #2
Address
data #1
CMD
BE #1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com