Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 155 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 155 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 151Page - Dallas Semiconductor DS3134 Datasheet HTML 152Page - Dallas Semiconductor DS3134 Datasheet HTML 153Page - Dallas Semiconductor DS3134 Datasheet HTML 154Page - Dallas Semiconductor DS3134 Datasheet HTML 155Page - Dallas Semiconductor DS3134 Datasheet HTML 156Page - Dallas Semiconductor DS3134 Datasheet HTML 157Page - Dallas Semiconductor DS3134 Datasheet HTML 158Page - Dallas Semiconductor DS3134 Datasheet HTML 159Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 203 page
background image
DS3134
155 of 203
Bits 24 to 31 / Class Code Base Class. These read only bits identify the base class value for the device
and are fixed at 02h, which indicate "Network Controllers".
See Appendix D of PCI Local Bus
Specification Revision 2.1 for details.
Register Name:
PLTH0
Register Description: PCI Latency Timer / Header Type Register 0
Register Address:
0x00Ch
lsb
Cache Line Size
Latency Timer
Header Type (Read Only / set to 80h)
msb
BIST (Read Only / set to 00h)
Bits 0 to 7 / Cache Line Size. These read/write bits indicates the cache line size in terms of dwords. If
the burst size of a data read transaction exceeds this value, then the PCI Block will use the memory read
multiple command. Valid settings are 04h (4 dwords), 08h, 10h, 20h, and 40h (64 dwords). Other
settings are interpreted as 00h. These bits are forced to zero when a hardware reset is initiated via the
PRST* pin.
Bits 8 to 15 / Latency Timer. These read/write bits indicate the value of the Latency Timer (in terms of
the number of PCI clocks) for use when the device is a bus master. These bits are forced to zero when a
hardware reset is initiated via the PRST* pin.
Bits 16 to 23 / Header Type. These read only bits are forced to 80h, which indicate a multifunction
device.
Bits 24 to 31 / Built-In Self-Test (BIST). These read only bits are forced to zero.
Register Name:
PDCM
Register Description: PCI Device Configuration Memory Base Address Register
Register Address:
0x010h
lsb
Base Address (Read Only / set to 0h)
PF
TYPE1
TYPE0
MSI
Base Address
Base Address (Read Only / set to 0h)
Base Address
msb
Base Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com