Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 159 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 159 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 155Page - Dallas Semiconductor DS3134 Datasheet HTML 156Page - Dallas Semiconductor DS3134 Datasheet HTML 157Page - Dallas Semiconductor DS3134 Datasheet HTML 158Page - Dallas Semiconductor DS3134 Datasheet HTML 159Page - Dallas Semiconductor DS3134 Datasheet HTML 160Page - Dallas Semiconductor DS3134 Datasheet HTML 161Page - Dallas Semiconductor DS3134 Datasheet HTML 162Page - Dallas Semiconductor DS3134 Datasheet HTML 163Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 203 page
background image
DS3134
159 of 203
STATUS BITS
The upper word in the PCMD1 register is the Status portion, which report events as they occur. As
mentioned earlier, reads of the Status portion occur normally but writes are unique in that bits can only be
reset (i.e. forced to zero). This occurs when a one is written to a bit position. Writes with a zero to a bit
position have no affect. This allows individual bits to be reset.
Bits 16 to 20 / Reserved. These read only bits are forced to zero by the device.
Bit 21 / 66 MHz Capable (66 MHz). This read only bit is forced to zero by the device to indicate that it
is not capable of running at 66 MHz.
Bit 22 / User Definable Features Capable (UDF). This read only bit is forced to zero by the device to
indicate that it does not support User Definable Features.
Bit 23 / Fast Back-to-Back Capable Target (FBBCT). This read only bit is forced to one by the device
to indicate that it is capable of accepting fast back-to-back transactions when the transactions are not from
the same agent.
Bit 24 / PCI Parity Error Reported (PARR). This read only bit is forced to a zero by the device since
the device cannot act as a bus master.
Bit 25 & 26 / Device Timing Select Bits 0 & 1 (DTS0 & DTS1). These two read only bits are forced to
01b by the device to indicate that it is capable of the medium timing requirements for the PDEVSEL*
signal.
Bit 27 / Target Abort Initiated (TABT). This read/write bit will be set to a one when the device
terminates a bus transaction with a target abort. This will only occur when the Local Bus is being
operated in the bus arbitration mode and the Local Bus does not have bus control when the Host requests
access. This bit can be reset (set to zero) by the Host by writing a one to this bit.
Bit 28 / Target Abort Detected by Master (TABTM). This read only bit is forced to a zero by the
device since the device cannot act as a bus master.
Bit 29 / Master Abort (MABT). This read only bit is forced to a zero by the device since the device
cannot act as a bus master.
Bit 30 / PCI System Error Reported (PSE). This read/write bit will be set to a one when the device
asserts the PSERR* signal (even if it is disabled via the PSEC Command bit). This bit can be reset (set to
zero) by the Host by writing a one to this bit.
Bit 31 / PCI Parity Error Reported (PPE). This read/write bit will be set to a one when the device
detects a parity error (even if parity is disabled via the PARC Command bit). This bit can be reset (set to
zero) by the Host by writing a one to this bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com