Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 158 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 158 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 154Page - Dallas Semiconductor DS3134 Datasheet HTML 155Page - Dallas Semiconductor DS3134 Datasheet HTML 156Page - Dallas Semiconductor DS3134 Datasheet HTML 157Page - Dallas Semiconductor DS3134 Datasheet HTML 158Page - Dallas Semiconductor DS3134 Datasheet HTML 159Page - Dallas Semiconductor DS3134 Datasheet HTML 160Page - Dallas Semiconductor DS3134 Datasheet HTML 161Page - Dallas Semiconductor DS3134 Datasheet HTML 162Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 203 page
background image
DS3134
158 of 203
COMMAND BITS
Bit 0 / I/O Space Control (IOC). This read only bit is forced to zero by the device to indicate that it
does not respond to I/O Space accesses.
Bit 1 / Memory Space Control (MSC). This read/write bit controls whether or not the device will
respond to accesses by the PCI bus to the memory space (which is the Local Bus). When this bit is set to
zero, the device will ignore accesses attempted to the Local Bus and when set to one; the device will
allow accesses to the Local Bus. This bit should be set to zero when the Local Bus is operated in the
Configuration Mode. This bit is force to zero when a hardware reset is initiated via the PRST* pin.
0 = ignore accesses to the Local Bus
1 = allow accesses to the Bus
Bit 2 / Master Control (MASC). This read only bit is forced to zero by the device since it cannot act as
a bus master.
Bit 3 / Special Cycle Control (SCC). This read only bit is forced to zero by the device to indicate that it
cannot decode Special Cycle operations.
Bit 4 / Memory Write & Invalidate Command Enable (MWEN). This read only bit is forced to zero
by the device to indicate that it cannot generate the Memory Write and Invalidate command.
Bit 5 / VGA Control (VGA). This read only bit is forced to zero by the device to indicate that it is not a
VGA compatible device.
Bit 6 / Parity Error Response Control (PARC). This read/write bit controls whether or not the device
should ignore parity errors. When this bit is set to zero, the device will ignore any parity errors that it
detects and continue to operate normally. When this bit is set to one, the device must act on parity errors.
This bit is forced to zero when a hardware reset is initiated via the PRST* pin.
0 = ignore parity errors
1 = act on parity errors
Bit 7 / Address Stepping Control (STEPC). This read only bit is forced to zero by the device to indicate
that it is not capable of address/data stepping.
Bit 8 / PCI System Error Control (PSEC). This read/write bit controls whether or not the device
should enable the PSERR* output pin. When this bit is set to zero, the device will disable the PSERR*
pin and when this bit is set to one, the device will enable the PSERR* pin. This bit is forced to zero when
a hardware reset is initiated via the PRST* pin.
0 = disable the PSERR* pin
1 = enable the PSERR* pin
Bit 9 / Fast Back-to-Back Master Enable (FBBEN). This read only bit is forced to zero by the device
to indicate that it is not capable of generating fast back-to-back transactions to different agents.
Bits 10 to 15 / Reserved. These read only bits are forced to zero by the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com