Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 145 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 145 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 141Page - Dallas Semiconductor DS3134 Datasheet HTML 142Page - Dallas Semiconductor DS3134 Datasheet HTML 143Page - Dallas Semiconductor DS3134 Datasheet HTML 144Page - Dallas Semiconductor DS3134 Datasheet HTML 145Page - Dallas Semiconductor DS3134 Datasheet HTML 146Page - Dallas Semiconductor DS3134 Datasheet HTML 147Page - Dallas Semiconductor DS3134 Datasheet HTML 148Page - Dallas Semiconductor DS3134 Datasheet HTML 149Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 203 page
background image
DS3134
145 of 203
SECTION 9: PCI BUS
9.1 PCI GENERAL DESCRIPTION OF OPERATION
The PCI Block interfaces the DMA Block to an external high-speed bus. The PCI Block complies with
Revision 2.1 (June 1, 1995) of the PCI Local Bus Specification. HDLC packet data will always pass to
and from Chateau via the PCI bus. The user has the option to configure and monitor the internal device
registers either via the PCI bus (Local Bus Bridge mode) or via the Local Bus (Local Bus Configuration
mode). When the Local Bus Bridge mode is used, the Host on the PCI bus can also bridge to the Local
Bus and will set/monitor the PCI Configuration registers. When the Local Bus Configuration mode is
used, the CPU on the Local Bus will set/monitor the PCI Configuration registers.
The PCI Configuration registers (see Figure 9.1A) are described in detail in Section 9.2. The following is
a set of notes that apply to the PCI Configuration registers:
1. All unused locations (the shaded areas of Figure 9.1A) will return zeros when read
2. Read only locations can be written with either a one or zero with no affect
3. All bits are read/write unless otherwise noted.
PCI Configuration Memory Map Figure 9.1A
0x000
0x004
0x008
0x00C
0x010
0x03C
0x100
0x104
0x108
0x10C
0x110
Device ID
Vendor ID
Status
Command
Class Code
Revision ID
Header Type
Latency Timer
Base Address for Device Configuration
0x000
Max. Latency
Min. Grant
Interrupt Pin
Interrupt Line
Header Type
Device ID
Vendor ID
Status
Command
Class Code
Revision ID
0x00000
Base Address for Local Bus
Cache Line Size
Interrupt Pin
Interrupt Line
0x13C
pci_reg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com