Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 129 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 129 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 125Page - Dallas Semiconductor DS3134 Datasheet HTML 126Page - Dallas Semiconductor DS3134 Datasheet HTML 127Page - Dallas Semiconductor DS3134 Datasheet HTML 128Page - Dallas Semiconductor DS3134 Datasheet HTML 129Page - Dallas Semiconductor DS3134 Datasheet HTML 130Page - Dallas Semiconductor DS3134 Datasheet HTML 131Page - Dallas Semiconductor DS3134 Datasheet HTML 132Page - Dallas Semiconductor DS3134 Datasheet HTML 133Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 203 page
background image
DS3134
129 of 203
8.2.2 Packet Descriptors
In main memory resides a contiguous section up to 65,536 quad dwords that make up the Transmit Packet
Descriptors. The Transmit Packet Descriptors are aligned on a quad dword basis and can be placed
anywhere in the 32-bit address space via the Transmit Descriptor Base Address (see Table 8.2.2A).
Associated with each descriptor is a data buffer. The data buffer can be up to 8191 bytes long and must
be a contiguous section of main memory. The host will inform the DMA of the actual size of the data
buffer via the Byte Count field that resides in the Packet Descriptor. If an outgoing packet requires more
space than the data buffer allows, then Packet Descriptors will be link-listed together by the Host to
provide a chain of data buffers. Figure 8.2.2A is an example of how three descriptors were linked
together for an incoming packet on HDLC Channel 7. Channel 3 only required a single data buffer and
hence only one Packet Descriptor was used. Figure 8.2.1A shows a similar example for channels5 and 1.
Packet Descriptors can be either pending (i.e. queued up by the host and ready for transmission by the
DMA) or completed (i.e. have been transmitted by the DMA and are available for processing by the host).
Pending Packet Descriptors are pointed to by the Pending Queue Descriptors and completed Packet
Descriptors are pointed to by the Done Queue Descriptors.
Transmit Descriptor Address Storage Table 8.2.2A
Register Name
Acronym
Address
Transmit Descriptor Base Address 0 (lower word)
TDBA0
0850h
Transmit Descriptor Base Address 1 (upper word)
TDBA1
0854h
Transmit Descriptor Example Figure 8.2.2A
dmatde
CH 5 Single Sent Buffer Descriptor
Base + 00h
CH 7 1st Queued Buffer Descriptor
Base + 10h
Base + 20h
CH 7 Sent 1st Buffer Descriptor
Base + 30h
Free Descriptor
Base + 40h
Base + 50h
Free Descriptor
Base + 60h
Base + 70h
CH 7 Last Sent Buffer Descriptor
Base + 80h
Free Descriptor
Base + FFFD0h
Free Descriptor
Base + FFFF0h
CH 3 Single Queued Buffer Desc.
CH 7 2nd Queued Buffer Descriptor
CH 7 Last Queued Buffer Descriptor
Pending Queue Descriptor Address
Done Queue Descriptor Pointer
Maximum of 65536
Descriptors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com