Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 128 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 128 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 124Page - Dallas Semiconductor DS3134 Datasheet HTML 125Page - Dallas Semiconductor DS3134 Datasheet HTML 126Page - Dallas Semiconductor DS3134 Datasheet HTML 127Page - Dallas Semiconductor DS3134 Datasheet HTML 128Page - Dallas Semiconductor DS3134 Datasheet HTML 129Page - Dallas Semiconductor DS3134 Datasheet HTML 130Page - Dallas Semiconductor DS3134 Datasheet HTML 131Page - Dallas Semiconductor DS3134 Datasheet HTML 132Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 203 page
background image
DS3134
128 of 203
forcing the CHEN bit to a one. The DMA will not re-enable the channel until it has finished writing all of
the previously queued descriptors to the Done Queue. Then the Host can collect the errored descriptors as
they arrive in the Done Queue and then re-queue them for transmission by writing descriptors to the
Pending Queue so the transmit DMA knows where to find the packets that did not get transmitted
(software housekeeping note: the Host must set the Next Pending Descriptor Pointer and PV fields in the
Packet Descriptor to zero to ready them for transmission). The second option allows the software a
cleaner error recovery technique. See Figure 8.2.1E for more details.
Transmit DMA Error Recovery Algorithm Figure 8.2.1E
Host Actions
The Host will typically handle the Transmit DMA as follows:
1. The Host will place readied packets into the Pending Queue.
2. The Host will either poll or be interrupted that some outgoing packets have completed transmission
and that it should read the Done Queue.
3. If Done Queue reports that an error was incurred and that a packet was not transmitted, then the Host
must re-queue the packet for transmission.
Transmit DMA Actions
A typical scenario for the Transmit DMA is as follows:
1. The transmit DMA constantly reads the Pending Queue looking for packets that are queued for
transmission.
2. The transmit DMA will update the Done Queue as packets or data buffers complete transmission.
3. If an error occurs, then the transmit DMA will disable the channel and wait for the Host to request that
the channel be enabled.
Read Done Queue
Status = 1xx?
No
Data Buffers &
Packet Descriptor
Space Available
for Reuse
Yes
Set CHRST = 1
for the Next
Descriptor
Written to the
Pending Queue
Set the PV & the Next
Pending Descriptor Pointer
Fields to zero in the Errored
Packet Descriptor
Place the Errored Packet
Descriptor back into the
Pending Queue for
Re-transmission
dmaerror



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com