Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 165 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 165 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 161Page - Dallas Semiconductor DS3134 Datasheet HTML 162Page - Dallas Semiconductor DS3134 Datasheet HTML 163Page - Dallas Semiconductor DS3134 Datasheet HTML 164Page - Dallas Semiconductor DS3134 Datasheet HTML 165Page - Dallas Semiconductor DS3134 Datasheet HTML 166Page - Dallas Semiconductor DS3134 Datasheet HTML 167Page - Dallas Semiconductor DS3134 Datasheet HTML 168Page - Dallas Semiconductor DS3134 Datasheet HTML 169Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 203 page
background image
DS3134
165 of 203
Configuration Mode Figure 10.1C
PCI Bridge Mode
In the PCI Bridge Mode, data from the PCI bus can be transferred to the Local Bus. In this mode, the
Local Bus acts as a "master" and can create all the needed signals to control the bus. In the PCI Bridge
Mode, the user must configure the Local Bus Bridge Mode Control Register (LBBMC) which is described
in Section 10.2.
With 20 address lines, the Local Bus can address a 1M byte address space. The Host on the PCI bus will
determine where to map this 1M byte address space within the 32-bit address space of the PCI bus by
configuring the Base Address in the PCI Configuration Registers (see Section 9).
Bridge Mode 8 & 16 Bit Access
During a bus access by the Host, the Local Bus can determine how to map the four possible byte positions
from/to the PCI bus to/from the Local Bus data bus (LD) pins by examining the PCBE* signals and the
Local Bus Width (LBW) control bit which resides in the Local Bus Bridge Mode Control (LBBMC)
register. If the Local Bus is to be used as an 8-bit bus (LBW = 1), then the Host must only assert one of
the PCBE* signals. The PCI data will be mapped to/from the LD[7:0] signal lines, the LD[15:0] signal
lines remain inactive. The Local Bus Block will drive the A0 and A1 address lines according to the
assertion of the PCBE* signals by the Host. See Table 10.1B for details. If the Host asserts more than
one of the PCBE* signals when the Local Bus is configured as an 8-bit bus, then the Local Bus will reject
the access and the PCI Block will return a Target Abort to the Host. See Section 9 for details on a Target
Abort.
T1 / E1
Framer or
Transceiver
Local Bus
DS3134 Chateau
Host
Processor
and Main
Memory
PCI /
Custom
Bus
lb_cnfgc
CPU Confgures and
Monitors DS3134
Local RAM &
ROM
No
Access
Allowed
Only Used to
Transfer HDLC
Data
T1 / E1
Framer or
Transceiver
T1 / E1
Framer or
Transceiver
T1 / E1
Framer or
Transceiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com