Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 167 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 167 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 163Page - Dallas Semiconductor DS3134 Datasheet HTML 164Page - Dallas Semiconductor DS3134 Datasheet HTML 165Page - Dallas Semiconductor DS3134 Datasheet HTML 166Page - Dallas Semiconductor DS3134 Datasheet HTML 167Page - Dallas Semiconductor DS3134 Datasheet HTML 168Page - Dallas Semiconductor DS3134 Datasheet HTML 169Page - Dallas Semiconductor DS3134 Datasheet HTML 170Page - Dallas Semiconductor DS3134 Datasheet HTML 171Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 203 page
background image
DS3134
167 of 203
Bridge Mode Bus Arbitration
In the Bridge Mode, the Local Bus has the ability to arbitrate for bus access. In order for the feature to
operate, the Host must access the PCI Bridge Mode Control Register (LBBMC) and enable it via the
LARBE control bit (the default is bus arbitration disabled). If bus arbitration is enabled, then before a bus
transaction can occur, the Local Bus will first request bus access by asserting the LHOLD(LBR*) signal
and then wait for the bus to be granted from the Local Bus arbiter by sensing that the LHLDA(LBG*) has
been asserted. If the Host on the PCI Bus attempts a Local Bus access when the Local Bus is not granted
by the Local Bus master (LBGACK* is deasserted), then the Local Bus block will immediately inform the
Host that the Local Bus is busy and cannot be accessed at this time (in other words, come back later) by
issuing a PCI Target Retry. See Section 9 for details on the PCI Target Retry. When this happens, the
Local Bus block will not attempt the bus access and will keep the LA, LD, LBHE*, LWR*(LR/W*), and
LRD*(LDS*) signals tri-stated.
If the Host attempts a Local Bus access when the bus is busy, the Local Bus block will go ahead and
request bus access and after it has been granted, it will seize the bus for the time programmed into the
Local Bus Arbitration Timer (LAT0 to LAT3 in the LBBMC register) which can be from 32 to 1048576
clocks. As long as the local bus has been granted and the arbitration timer has at least 16 clocks left, then
the Host is allowed to access the Local Bus. See Figure 10.1D and the timing examples in Section 10.3
for more details.
Bridge Mode Bus Transaction Timing
When the Local Bus is operated in PCI Bridge Mode, the bus transaction time can be determined either
from an external ready signal (LRDY*) or from the PCI Bridge Mode Control Register (LBBMC) which
will allow a bus transaction time of 1 to 11 LCLK cycles. If the total access time to the Local Bus
exceeds 16 PCLK cycles, the PCI access will time out and a PCI Target Retry will be sent to the Host.
This will only occur when LRDY* has not been detected within 9 clocks. If this happens, the Local Bus
Error (LBE) status bit in the Status Master (SM) register will be set. Additional details on the LBE status
bit can be found in Section 4 and more details on transaction timing can be found in Figure 10.1D and the
timing examples in Section 10.3.
Bridge Mode Interrupt
In the PCI Bridge mode, the Local Bus can detect an external interrupt via the LINT* signal. If the Local
Bus detects that the LINTA* signal has been asserted, then it will set the LBINT status bit in the Status
Master (SM) register. The setting of this status bit can cause a hardware interrupt to occur at the PCI bus
via the PINTA* signal. This interrupt can be masked via the ISM register. See Section 4 for more
details.
Configuration Mode
In the Configuration Mode, the Local Bus is used only to configure the device and obtain status
information from the device. It is also used to configure the PCI Configuration Registers and hence the
PCI Bus signal PIDSEL is disabled when the Local Bus is in the Configuration Mode. Data cannot be
passed from the Local Bus to the PCI bus in this mode. The PCI bus will only be used as a high speed I/O
bus for the HDLC packet data. In this mode, bus arbitration, bus format, and the user settable bus
transaction time features are disabled. In the Configuration Mode, all bus accesses are based on 16-bit
addresses and 16-bit data. The upper four addresses (LA[19:16]) are ignored and 8-bit data accesses are
not allowed. See Section 12 for details on the AC timing requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com