Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 166 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 166 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 162Page - Dallas Semiconductor DS3134 Datasheet HTML 163Page - Dallas Semiconductor DS3134 Datasheet HTML 164Page - Dallas Semiconductor DS3134 Datasheet HTML 165Page - Dallas Semiconductor DS3134 Datasheet HTML 166Page - Dallas Semiconductor DS3134 Datasheet HTML 167Page - Dallas Semiconductor DS3134 Datasheet HTML 168Page - Dallas Semiconductor DS3134 Datasheet HTML 169Page - Dallas Semiconductor DS3134 Datasheet HTML 170Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 203 page
background image
DS3134
166 of 203
Local Bus 8-Bit Width Address / LBHE* Setting Table 10.1B
PCBE*
[3:0]
A1
A0
LBHE*
1110
0
0
1
1101
0
1
1
1011
1
0
1
0111
1
1
1
Note:
1. All other possible states for PCBE* will cause the device to return a Target Abort to the Host.
2. The 8-bit data picked from the PCI bus will be routed/sample to/from the LD[7:0] signal lines.
3. If no PCBE* signals are asserted during an access, a Target Abort is not return and no transaction
occurs on the Local Bus.
If the Local Bus is to be used as a 16-bit bus, then the LBW control bit must be set to zero. In 16-bit
accesses, by asserting the appropriate PCBE* signals (see Table 10.1C) the Host can either perform a
16-bit access or an 8-bit access. For a 16-bit access, the Host will enable the combination of either
PCBE0*/PCBE1* or PCBE2*/PCBE3* and the Local Bus block will map the word from/to the PCI bus
to/from the LD[15:0] signals. For an 8-bit access in the 16-bit bus mode, the Host must assert just one of
the PCBE0* to PCBE3* signals. If the Host asserts a combination of PCBE* signals not supported by the
Local Bus, then the Local Bus will reject the access and the PCI Block will return a Target Abort to the
Host. See Section 9 for details on a Target Abort. Section 10.3 contains a number of timing examples for
the Local Bus.
Local Bus 16-Bit Width Address / LD / LBHE* Setting Table 10.1C
PCBE*
[3:0]
8/16
A1
A0
LD[15:8]
LD[7:0]
LBHE*
1110
8
0
0
active
1
1101
8
0
1
active
0
1100
16
0
0
active
active
0
1011
8
1
0
active
1
0111
8
1
1
active
0
0011
16
1
0
active
active
0
Note:
1. All other possible states for PCBE* will cause the device to return a Target Abort to the Host.
2. The 16-bit data picked from the PCI bus will be routed/sample to/from the LD[7:0] & LD[15:8] signal
lines as shown.
3. If no PCBE* signals are asserted during an access, a Target Abort is not return and no transaction
occurs on the Local Bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com