Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 16Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 17Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 18Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 19Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 20Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 21Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 22Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 23Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
2-2
Conexant
100723A
PLL Clock
Generator
CPU
Access
Interrupt
Controller
CPU Core
(ARM7TDMI)
ROM/Flash
Bus IF
(including DRAM/
Flash Controller)
IRQ/CPU
Access
DMA
Controller
IRQ/
CPU
Access
Scan/Print
Motor
Controller
DMA/
IRQ/
CPU
Access
IRQ/
CPU
Access
Sync/
Async
Serial Port
Prime/Battery
Power and Reset
Control
SRAM/Flash
CPU
Access
RTC
Video/Scan
Controller
Bit Rotation
DMA/
CPU
Access
DRAM/Flash
Inkjet
Engine
(including
Inkjet
Print ASIC)
Color Scanner
Host
Motor
Drivers
P1284
or
USB
Host IF
IRQ/
CPU
Access
DMA/
CPU
Access
Fax
Modem
(Optional)
CPU
Access
Sync
Serial
Panel IF
Cache Memory
Controller
1Kx32bit
(2Kx16bit)
Cache
Memory
ICB
IRQ/
CPU
Access
Watchdog
Timer
32-bit
ISB
32-bit
ISB
16-bit
DAB
16-bit
and/or
8-bit
AEB
Timing
Control
Bi-level
Resolution
Conversion
DMA/
CPU
Access
CPU
Access
Serial
Operator
Panel IF
16-bit
IPB
GPIOs
and
PWM
Channels
CPU
Access
Video/Color
Scan IA
Countach DMA Controller
DRAM/
SDRAM
Controller
DRAM/
SDRAM
16-bit
and/or
8-bit
CEB
Countach
Subsystem
ARM Bus
Interface
Countach
Subsystem
Interface
Countach Bus Unit
Video/Scan
Interface
NTSC
/PAL Video
Conexant
Video Chip
Figure 2-1. MFC2000 Organization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com