Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 62 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 62 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 58Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 59Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 60Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 61Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 62Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 63Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 64Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 65Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 66Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
4-32
Conexant
100723A
Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
CS5 Control
(CS5Ctrl)
01FF8805
Write Strobe
Early Off
Read/Write
Strobe
Delay On[1]
Read/Write
Strobe Delay
On[0]
Size
Wait[2]
Wait[1]
Wait[0]
Enable
Rst. Value
xxh
Read Value
00h
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
CS0 Control
(CS0Ctrl)
01FF8804
Write Strobe
Early Off
Read/Write
Strobe
Delay On
(Not Used)
Size
Wait[2]
Wait[1]
Wait[0]
0
Rst. Value
00x00000b
Read Value
00h
Bit 7,15
Write Strobe Early Off
(default =0)
Bit 6,14-13 Read/Write Strobe Delay On
(default = 0)
Bit 5
(Not used)
Bit 4,12
Size
(default = 0 . Byte )
Mode = 0: 8-bit access
1: 16-bit access
Bit 3-1, 11-9 Wait states
(default =0)
Bit 8
CS5n Enable
Note:
The enable control for CS0 is set by the Battery Control Logic.
Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
CS2 Control
(CS2Ctrl)
01FF8807
Write
Strobe
Early Off
Read/Write
Strobe
Delay
On[1]
Read/Write
Strobe
Delay
On[0]
Size
Wait[2]
Wait[1]
Wait[0]
Enable
Rst. Value
01h
Read
Value
01h
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
CS1 Control
(CS1Ctrl)
01FF8806
Write
Strobe
Early Off
Read/Write
Strobe
Delay
On[1]
Read/Write
Strobe
Delay
On[0]
Size
Wait[2]
Wait[1]
Wait[0]
Enable
Rst. Value
01h
Read
Value
01h
Bit 15
Write Early Off strobe
(default =0 )
Bit[14:13] Read/Write strobe Delay On
(default = 00)
Bit 12
Size
(default = 0. Byte )
0: 8-bit access
1: 16-bit access
Bit[11:9]
Wait states
(default =0)
Bit 8
CS2n Enable
(default = 1) .
Bit 7
Write Early Off strobe
(default =0)
Bit[6:5]
Read/Write strobe Delay On
(default = 00)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com