Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 90 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 90 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 86Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 87Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 88Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 89Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 90Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 91Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 92Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 93Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 94Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
4-60
Conexant
100723A
DRAM
DRAM
DRAM
ASIC
Q-
Switch
Q-
Switch
DWRn
CASEn[0]
CASEn[1]
CASOn[0]
CASOn[1]
DWRn
RASn[0]
addr[11:0]
RASn[0]
addr[11:0]
addr[u:0]
data[7:0]
RASn[1]
CASOn[0]
DWRn
DOEOn (Wron)
data[15:0]
data[15:0]
Bank 0
(Interleaved)
Bank 1
(8-bit
Non-interleaved)
WEn
OEn
OEn
WEn
DOEOn (WRon)
DOEen (WRen)
OEn
WEn
Figure 4-17. DRAM Interface Example
Figure 4-17 gives an example of how each bank of DRAMs might be setup for non-battery back-up DRAM
system. In this example, Bank 0 is setup for an 8-bit non-interleaved memory bank and Bank 1 is setup with a 16-
bit 2-way interleaved DRAM bank.
Note:
1.
DWRn is a battery backed-up signal and is ‘high’ during the battery back-up mode. All inputs
of the prime powered logic will have ‘no power’ or ‘low’ during the battery back-up mode.
Therefore, all external logic, which uses DWRn, should be battery backed-up logic and
should be gated with WRPROTn to ensure that outputs are ‘low’ when the prime power is off
for the battery back-up DRAM operation.
2.
DWRn, CASO[1:0]n and CASE[1:0]n are shared by both DRAM banks (RAS[0]n and
RAS[1]n). If you only want to back up one bank by battery power, all shared signals should
be separated by the external logic and should follow the rule in note 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com