Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 94 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 94 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 90Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 91Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 92Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 93Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 94Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 95Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 96Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 97Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 98Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
4-64
Conexant
100723A
Refresh
Speed:
(bit 5)
Oscillator
Speed:
(bit 4)
Refresh
Speed:
Description:
0
0
normal
RTC crystal frequency = 32.768 kHz,
Refresh clock = the crystal frequency = 32.768 kHz,
The refresh cycle time = 15.625 ms/1024 cycles.
0
1
fast
RTC crystal frequency = 65.536 kHz,
Refresh clock = the crystal frequency = 65.536 kHz,
Refresh cycle time = 7.8125 ms/1024 cycles.
1
0
slow
RTC crystal frequency = 32.768 kHz,
Refresh clock = the crystal frequency/8 = 4.096 kHz
Refresh cycle time = 125 ms/1024 cycles.
1
1
slow
RTC crystal frequency = 65.536 kHz,
Refresh clock = the crystal frequency/16 = 4.096 kHz
Refresh cycle time = 125 ms/1024 cycles.
Bits 3:
Bank 1 Enable
This bit controls whether or not the Bank 1 DRAMs will be enabled.
The Enable signal will allow CAS before RAS refresh to occur based
on the non-interleave or interleave setting. If the bank setting indicates
a non-interleaved mode, RASn[1] and CASOn[0] (8-bit mode) or
CASOn[1:0] (16-bit mode) will refresh the DRAM. If the bank setting
indicates an interleaved mode, RASn[1], CASOn[1:0] and CASEn[1:0]
will refresh the DRAM. DWRn will be high during refresh. If bank 1 is
disabled, RAS[1]n will be tri-stated and all appropriate CASn’s will be
tri-stated based on mode settings.
Bit 2:
Bank 0 Enable
This bit controls whether or not the Bank 0 DRAMs will be enabled.
The Enable signal will allow CAS before RAS refresh to occur based
on the non-interleave or interleave setting. If the bank setting indicates
a non-interleaved mode, RASn[0] and CASOn[0] (8-bit mode) or
CASOn[1:0] (16-bit mode) will refresh the DRAM. If the bank setting
indicates an interleaved mode, RASn[0], CASOn[1:0] and CASEn[1:0]
will refresh the DRAM. DWRn will be high during refresh. If bank 0 is
disabled, RAS[0]n will be tri-stated and all appropriate CASn’s will be
tri-stated based on mode settings.
Bit 1:
Bank 1 Interleave Enable
This register defines whether the bank 1 DRAMs are to be accessed
using 2-way interleave or non interleaved access. 2-way interleaved
access is only valid with a 16-bit interface (the 16 bit vs. 8 bit interface
size bit for bank 1 is ignored by the DRAM controller, but is used by
the SIU to output the data correctly).
Bit 0:
Bank 0 Interleave Enable
This register defines whether the bank 0 DRAMs are to be accessed
using 2-way interleave or non interleaved access. 2-way interleaved
access is only valid with a 16-bit interface (the 16 bit vs. 8 bit interface
size bit for bank 1 is ignored by the DRAM controller, but is used by
the SIU to output the data correctly).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com