Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 55 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 51Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 52Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 53Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 54Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 55Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 56Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 57Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 58Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
4-25
ISB Bus
The ISB Bus is used for connecting ARM and Cache Controller to the highest performance. The 32-bit ISB bus
directly interfaces with the ARM core 32-bit data bus. The cache memory controller resides on this bus.
All control signals to and from the ARM, and its address bus go through the cache memory controller regardless
of the cache enable bit. The cache controller control register resides in the SIU.
When the ARM is fetching instructions, and it is a cache hit situation, the ARM gets the instructions from the
cache. The SIU lets the other bus masters have the bus.
When the ARM is fetching instructions, and it is a cache miss situation, the SIU must perform a burst read of eight
halfwords (4 words) to fill up the cache line if the cache line is not locked. If the cache line is locked, then the SIU
reads in two halfwords (one word) of instruction.
When the ARM is fetching data, data is passed directly from the SIU to the ARM.
EB Bus
The EB Bus is used for connecting external memories and devices. The width of the selected slave device is
programmable in the chip select configuration register. The external A[23:12] and A[11:0] addresses are
multiplexed through A[11:0] pins. The ALE signal is provided to latch A[23:12] addresses externally.
External Chip Selects
The SIU provides programmable external chip selects. Each chip select is programmable through the chip select
configuration register.
•
Each chip select can be configured to be:
•
enabled or disabled (default = enabled).
•
programmable from 0 up to 7 wait states.
•
programmable read/write delay-on (write strobe activated one or two SIUCLK cycles later).
•
programmable write early-off (read or write strobe deactivated one SIUCLK cycle earlier).
•
programmable to allow for 8 or 16 bit devices. The SIU will automatically perform the necessary transaction to
access any size data as long as the source of the transaction is internal.
Note:
The RD/WR-delay-on and WR-early-off settings should be disabled for zero wait state
access. For other wait state settings (> 1wait state), the delay-on and early-off will shorten the
width of read/write strobe. Firmware has the responsibility to set RD/WR-delay-on and WR-
early-off bits correctly. Otherwise, read or write strobes may disappear. For example, if 1 wait
state and 1 RD/WR-delay-on are set for a chip select, the read strobe is not suppressed when
firmware tries to do a read operation. If 2 wait states, 1 WR-early-off and 1 RD/WR-delay-on are
set for a chip select, the write strobe is not suppressed when firmware try to do a write operation.
ROM Interface
The SIU supports non-interleave, 2-way interleave and fast page mode access to ROM, depending on the ROM
Access Configuration pins (AE[2]/ROM_CFG[0] and AO[2]/ROM_CFG[1] pins). Following are the four
configurations supported by the SIU.
ROM Access Configuration[1:0]
ROM Mode
00
8-bit non-interleave
01
16-bit non-interleave
10
16-bit 2-way interleave
11
16-bit fast page mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com