Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 78 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 78 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 74Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 75Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 76Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 77Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 78Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 79Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 80Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 81Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 82Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
4-48
Conexant
100723A
External Interrupts
The optional IRQ13 and IRQ11 external interrupt requests share pins with GPIO9 and GPIO8, respectively, and
these interrupts are enabled by setting the corresponding bits in the IRQ ENABLE registers to 1. These interrupt
enable bits must be set to 0 when using GPIO[9:8] as GPIO to prevent these pins from causing interrupts.
If an external interrupt source is connected to GPIO8 and/or GPIO9, the corresponding GPIO direction control
register must remain set to 0 (GPI) [default] to avoid bi-directional conflicts with the GPIO output.
Dedicated external interrupt pins are provided for an active low modem interrupt (MIRQn). All other external
interrupts (IRQ2, IRQ11, IRQ13, and IRQ16) are programmable to be either active low or high, edge or level
triggered. All external interrupts are resynchronized in the ASIC.
Internal Interrupts
Internal interrupts are provided for the Countach Imaging DSP Bus System (irqcbs), the T.4/T.6 logic (irqt4), the
vertical printer stepper motor (irqvpstep), the scan stepper motor (irqsstep), the parallel IO block (irqpio), USB
interface (irqusb), the 50ms timer1 and timer2 (irqtimer1, irqtimer2), DMA Channel 2 (irqdma2), Bi-level
Resolution Conversion (irqbrc), DMA Channel 10 (irqdma10), Scanner IF (irqvsc), SOPIF (irqsopif ), SASIF
(irqsasif), software interrupt (irqsw), SSIF (irqssif), DMA Channel 5 interrupt (irqdma5), and the SDAA Interface
interrupt (irqsdaa).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com