Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 18Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 19Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 20Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 21Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 22Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 23Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 24Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 25Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
3-2
Conexant
100723A
Table 3-1. Pin Description (2 of 6)
Pin Name
Pin No.
I/O
Input
Type
Output
Type
Pin Description
CASEn[1:0]
E20,E19
O
-
2XT3V
DRAM column even address selects used for non-
interleave mode and interleave mode. (VDRAM
powered)
DWRn
D17
O
-
2XT3V
DRAM write. (VDRAM powered)
DMAACK2
K19
O
-
1XT5VT
External DMA acknowledge output (channel 2).
DMAREQ2
F4
I
H5VT
-
(Hysteresis) External DMA request input (channel
2).
FCS0n/PWM[1]
D9
O
-
2XT5VT
Flash memory chip select 0 or PWM channel 1
output
FCS1n/PWM[2]
A8
O
-
2XT5VT
Flash memory chip select 1 or PWM channel 2
output signal.
RESETn
K18
I/O
HU5VT
2XT5VT
(Hysteresis, Pull up) MFC2000 Reset input/output
XIN
G20
I
OSC
-
Crystal oscillator input pin for RTC. (VRTC
powered)
XOUT
H20
O
-
OSC
Crystal oscillator output pin for RTC. (VRTC
powered)
PWRDWNn
H18
I
H3V
-
(Hysteresis) Indicate the loss of prime power
(result in SYSIRQ). (VRTC powered)
WPROTn
H19
O
-
1XT3V
Write Protect during loss of VDD power. Note: The
functional logic is powered by RTC battery power,
but the output drive is powered by DRAM battery
power. (VRTC powered)
BATRSTn
G17
I
H3V
-
(Hysteresis) Battery power reset input. (VRTC
powered)
EXT_PWRDWN_SELn
G19
I
H3V
-
(Hysteresis) External power-down detector select
input (active low)(VRTC powered)
SC_START[0]
V8
O
-
1XT3V
Scanner shift gate control 0
SC_CLK1/SC_CLK2A
U9
O
-
1XT3V
Scanner clock.
SC_LEDCTRL[0]
U7
O
-
1XT3V
Scanner LED control 0
SC_LEDCTRL[1]/
SC_START[1]
Y8
O
-
1XT3V
Scanner LED control 1 or Scanner shift gate
control 1
SC_LEDCTRL[2]/
SC_START[2]
W8
O
-
1XT3V
Scanner LED control 2 or Scanner shift gate
control 2
SSTXD1
J19
O
-
2XT3V
TX data for SSIF1
SSRXD1
H17
I
HU5VT
-
(Hysteresis, Pull up) RX data for SSIF1
SSCLK1
J20
I/O
H5VT
2XT5VT
(Hysteresis) Clock input or output for SSIF1
GPIO[0]/FWRn/CLAMP
J4
I/O
H5VT
2XT5VT
(Hysteresis) GPIO[0] or flash write enable signal
for NAND-type flash memory or scanner clamp
control output
GPIO[1]/FRDn
M3
I/O
H5VT
2XT5VT
(Hysteresis) GPIO[1] or flash read enable signal for
NAND-type flash memory.
GPIO[2]/DMAREQ1/ SSCLK2
V1
I/O
H5VT
2XT5VT
(Hysteresis) GPIO[2] or DMA channel 1 request
input or clock input/output for SSIF2.
GPIO[3]/DMAACK1/ SSRXD2
U4
I/O
H5VT
2XT5VT
(Hysteresis) GPIO[3] or DMA channel 1
acknowledge or RX data for SSIF2
GPIO[4]/CS[2]n
U3
I/O
H5VT
2XT5VT
(Hysteresis) GPIO[4] or I/O chip select [2] (active
low)
GPIO[5]/CS[3]n/PWM[3]
U2
I/O
H5VT
2XT5VT
(Hysteresis) GPIO[5]or I/O chip select [3] (active
low) or PWM channel 3 output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com